Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PWH10-R100

  • AI
    The **PWH10-R100** is an industrial-grade, high-power wirewound resistor. These components are designed to dissipate significant heat while providing precise resistance in power circuits. ### 1. Key Technical Specifications The model name typically follows a standardized nomenclature used by manufacturers like **Vitrohm** or **RCD Components**. | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | PWH10 | Indicates a 10-Watt power rating (in free air). | | **Resistance Value** | R100 | Represents **0.1 Ohms** ($\Omega$). | | **Tolerance** | $\pm 5\%$ or $\pm 10\%$ | Typical for high-power shunt or load resistors. | | **Technology** | Wirewound | Resistance wire wrapped around a ceramic core. | | **Housing** | Ceramic/Cement | Rectangular "stone" style casing for thermal protection. | --- ### 2. Internal Construction The PWH10-R100 is built to withstand harsh electrical environments: * **Resistive Element:** A specialized alloy wire (like Ni-Chrome) is wound around a non-conductive ceramic rod. * **Encapsulation:** The assembly is placed inside a rectangular ceramic boat and filled with a fireproof inorganic cement (silicon-based). * **Terminals:** Usually features tinned copper leads or radial pins for PCB mounting. --- ### 3. Electronic Functionality & Use Cases Because this part has a very low resistance (**0.1Ω**) and a high power rating (**10W**), it is primarily used for: 1. **Current Sensing:** By measuring the voltage drop across the 0.1Ω resistor ($V = I \times R$), a control circuit can determine the current flowing through a system. 2. **Inrush Current Limiting:** Protecting sensitive components from power surges during startup. 3. **Bleeder Resistor:** Discharging high-voltage capacitors in power supplies for safety. 4. **Voltage Division:** Used in high-current power stages where standard 1/4W resistors would burn out. --- ### 4. Thermal Management Since this is a **10-Watt** part, it generates significant heat. * **Derating:** If the ambient temperature exceeds 70°C, the allowable power dissipation decreases significantly. * **Placement:** It should be mounted with enough clearance from heat-sensitive components (like electrolytic capacitors) to avoid premature board failure. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the maximum current allowed through this 0.1 ohm resistor?
    • ⤷ What is the difference between a cement resistor and a metal film resistor?
    • ⤷ Can I use two 0.2 ohm resistors in parallel to replace a PWH10-R100?