Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PWHM1015-R100

  • AI
    The **PWHM1015-R100** is a specific type of **Power Inductor**, typically used in high-frequency DC-DC converter applications. These components are designed to handle high current loads while maintaining a small physical footprint. --- ### Technical Specifications Based on standard naming conventions for this series (often associated with manufacturers like Cyntec or similar power component specialists), here are the typical technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.10 µH (100nH) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Very Low (typically < 0.5 mΩ) | | **Saturation Current (Isat)** | High (often 40A - 60A+) | | **Operating Temperature** | -40°C to +125°C | | **Material** | Metal Alloy / Powder Core | --- ### Key Internal Components 1. **Core Material:** * Constructed using a **Metal Powder Core**. Unlike traditional ferrite cores, metal powder allows for "soft saturation," meaning the inductance doesn't drop off instantly when the current increases. 2. **Coil Construction:** * Usually utilizes a **Flat Wire (Ribbon)** design. Flat wire reduces the "Skin Effect" at high frequencies and allows for a lower DCR (Direct Current Resistance), which minimizes heat loss. 3. **Shielding:** * The part is **Molded/Shielded**. The magnetic material completely surrounds the coil, which significantly reduces Electromagnetic Interference (EMI) that could affect nearby sensitive components. --- ### Common Applications Due to its very low inductance (0.10 µH) and high current capability, this part is used in: * **Vcore Power Supplies:** Providing power to CPUs and GPUs in laptops and servers. * **Voltage Regulator Modules (VRM):** High-speed switching regulators. * **Point of Load (POL) Converters:** Decentralized power management on complex PCBs. --- ### Advantages vs. Disadvantages | Pros | Cons | | :--- | :--- | | Extremely low DCR saves battery life. | Low inductance requires high switching frequencies. | | Excellent thermal stability. | Metal powder can be more expensive than ferrite. | | Compact SMD (Surface Mount) design. | Susceptible to physical cracking if handled roughly. |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the R100 suffix in the part number?
    • ⤷ How does a metal powder core differ from a ferrite core in power inductors?
    • ⤷ Which manufacturers are the primary producers of the PWHM series?