Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PXPPVC08RAM03ACL030PVC

  • AI
    The part number **PXPPVC08RAM03ACL030PVC** refers to a high-quality industrial sensor cable assembly, typically manufactured by companies like **Bulgin** (specifically their Buccaneer series). This component is designed for automation, sensing, and control applications in harsh environments. ### Part Number Breakdown The following table decodes the specifications based on the standard naming convention for this series: | Segment | Meaning | Specification Details | | :--- | :--- | :--- | | **PXP** | Series | Buccaneer M8 Series (Plastic Body) | | **PVC** | Cable Material | Polyvinyl Chloride (Standard industrial grade) | | **08** | Size | M8 Threaded Connector | | **RAM** | Orientation | Right Angle Male Connector | | **03** | Poles | 3-Pin configuration | | **A** | Coding | A-Coded (Standard for sensors/DC power) | | **CL030** | Length | 3.0 Meters | | **PVC** | Jacket Type | PVC outer sleeve | --- ### Technical Specifications The electronic and mechanical characteristics of this assembly are built for durability and reliability: #### 1. Electrical Characteristics * **Voltage Rating:** Typically up to 60V AC/DC. * **Current Rating:** Approximately 3A per contact. * **Contact Resistance:** < 10 mΩ. * **Coding:** **A-Coding** is the industry standard for actuators, sensors, and small motors to prevent mismatching with data or Ethernet cables. #### 2. Mechanical & Environmental * **IP Rating:** IP67 when mated (dust-tight and protected against immersion in water). * **Coupling Nut:** Usually nickel-plated brass or plastic, providing a secure vibration-resistant connection. * **Temperature Range:** -25°C to +85°C (standard PVC limits). * **Mounting:** Right-angle (90-degree) head allows for cable routing in tight spaces where a straight connector would protrude too far. --- ### Common Applications This specific part is widely used in the following sectors: * **Industrial Automation:** Connecting proximity sensors, limit switches, and photoelectric sensors to I/O boxes. * **Robotics:** Used in end-of-arm tooling where space is restricted (due to the right-angle design). * **Food & Beverage:** Provided the chemical resistance of PVC is suitable for the specific cleaning agents used. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coded and B-coded M8 connectors?
    • ⤷ How does PVC cable compare to PUR cable in industrial environments?
    • ⤷ Can this connector be used for data transmission or only power?