Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PXPPVC12RAM03ACL010PVC

  • AI
    The part number **PXPPVC12RAM03ACL010PVC** refers to a high-quality industrial sensor/actuator cable assembly, typically manufactured by companies like **Bulgin** (as part of their Buccaneer range) or similar industrial connectivity specialists. Below is a detailed breakdown of the electronic and mechanical specifications for this component. --- ### 1. Part Number Decoder Based on industrial standards for M12 connectivity, here is the functional breakdown of the code: | Segment | Meaning | Specification Details | | :--- | :--- | :--- | | **PXP** | Series Prefix | Buccaneer Automation / Industrial series | | **PVC** | Jacket Material | Polyvinyl Chloride (General purpose insulation) | | **M12** | Thread Type | Standard Metric M12 locking thread | | **RA** | Orientation | **Right Angle** connector head | | **M** | Gender | **Male** Connector | | **03** | Pole Count | **3-Pin** configuration | | **A** | Coding | **A-Coded** (Standard for sensors/DC power) | | **CL** | Coupling | Metal Screw Nut / Coupling Nut | | **010** | Length | **1.0 Meter** cable length | | **PVC** | Cable Type | Standard PVC jacketed cable | --- ### 2. Electrical Specifications These parameters define the safe operating limits for the electronic signals passing through the cable. * **Rated Voltage:** Typically **250V AC/DC** (Standard for 3-pin M12 A-coded). * **Rated Current:** Usually **4A per contact**. * **Contact Resistance:** $< 5 m\Omega$. * **Insulation Resistance:** $> 100 M\Omega$. * **Coding:** **A-Coded**, which prevents it from being plugged into Ethernet (D-coded) or Power (L/S-coded) ports, ensuring circuit protection. --- ### 3. Mechanical & Environmental Properties | Feature | Specification | | :--- | :--- | | **Ingress Protection** | IP67 or IP68 (When mated/tightened) | | **Body Material** | TPU / Polyurethane overmold | | **Contact Material** | Brass, Gold Plated (for high conductivity and corrosion resistance) | | **Coupling Nut** | Nickel-plated Brass | | **Operating Temp** | -25°C to +80°C (Typical for PVC) | --- ### 4. Common Applications This specific part is designed for the following use cases: 1. **Sensors:** Connecting Proximity, Photoelectric, or Ultrasonic sensors to a PLC. 2. **Actuators:** Powering small solenoid valves or indicators. 3. **Factory Automation:** Used in conveyor systems and assembly lines where a right-angle connection is needed to save space in tight enclosures. --- ### 5. Wiring Color Code (Standard A-Coded 3-Pin) If you are terminating the open end of the cable, the standard wiring is usually: ```markdown Pin 1: Brown (+) Positive Supply Pin 3: Blue (-) Negative Supply Pin 4: Black (S) Switching Signal / Output ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between PVC and PUR cable jackets for M12 connectors?
    • ⤷ Can an A-coded M12 cable be used for high-speed data transmission?
    • ⤷ How does the Right Angle (RA) orientation affect the installation clearance?