Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PXPPVC12RAM03ACL050PVC

  • AI
    The part number **PXPPVC12RAM03ACL050PVC** refers to a high-quality industrial sensor cable assembly, typically manufactured by companies like Bulgin or similar industrial connector specialists. Below is a breakdown of the electronic and mechanical specifications for this specific component. ### Part Number Breakdown | Segment | Meaning | Description | | :--- | :--- | :--- | | **PXP** | Series | Plastic Connector Series (Industrial Circular) | | **PVC** | Jacket Material | Polyvinyl Chloride (standard flexibility and chemical resistance) | | **12** | Size/Thread | M12 Standard Metric Thread | | **RA** | Orientation | Right Angle (90-degree connector head) | | **M** | Gender | Male Connector | | **03** | Poles | 3-Pin / 3-Core Configuration | | **A** | Coding | A-Coded (Standard for sensors, actuators, and DC power) | | **CL** | Locking | Coupling Leaf/Screw Nut Locking | | **050** | Length | 5.0 Meters | | **PVC** | Cable Type | Standard PVC outer sheath | --- ### Technical Specifications #### 1. Electrical Characteristics * **Current Rating:** Typically 4A per contact. * **Voltage Rating:** Usually up to 250V AC/DC (Standard for 3-pole A-coded). * **Contact Resistance:** < 10 mΩ. * **Insulation Resistance:** > 100 MΩ at 500V DC. #### 2. Mechanical & Environmental * **IP Rating:** Generally **IP67** or **IP68** (Dust-tight and waterproof when properly mated). * **Mating Cycles:** > 100 cycles. * **Temperature Range:** -25°C to +80°C (Fixed installation). * **Cable Diameter:** Approximately 4.5mm - 5.5mm depending on internal wire gauge (typically 22 AWG / 0.34mm²). #### 3. Wiring Color Code (Standard A-Coding) For a 3-pin configuration, the wiring usually follows the industrial standard: 1. **Brown:** Positive (+VDC) 2. **Blue:** Negative (0V/GND) 3. **Black:** Signal (Output/Switching) --- ### Common Applications * **Automation:** Connecting proximity sensors, limit switches, and photoelectric sensors. * **Robotics:** Right-angle connectors are ideal for tight spaces where a straight cable would be bent or damaged. * **Process Control:** Signal transmission in wash-down environments (food and beverage or pharmaceutical). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between A-coded and B-coded M12 connectors?
    • ⤷ Can this PVC cable be used in environments with constant flexing or robotic movement?
    • ⤷ What is the specific torque requirement for tightening an M12 coupling nut?