Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PXPPVC12RAM03ACL100PVC

  • AI
    The part number **PXPPVC12RAM03ACL100PVC** refers to a high-quality industrial connectivity component, specifically an M12 circular connector cable assembly from the **Bulgin PXP series**. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. Part Number Deciphering | Component Code | Specification | Description | | :--- | :--- | :--- | | **PXP** | Series | Bulgin Buccaneer PXP Series | | **PVC** | Body Material | Polyvinyl Chloride (PVC) overmold | | **12** | Size | M12 standard industrial connector | | **RA** | Orientation | Right Angle (90-degree connector head) | | **M** | Gender | Male Plug | | **03** | Contacts | 3-Pole (3 pins) | | **A** | Coding | A-Coded (Standard for sensors/DC power) | | **CL** | Locking | Screw Lock (M12 thread) | | **100PVC** | Cable Details | 10.0 meters length / PVC jacket material | --- ### 2. Electrical Characteristics These parts are designed for sensor-actuator environments and low-voltage power distribution. * **Rated Voltage:** Typically up to 250V AC/DC (standard for 3-pin M12). * **Rated Current:** 4A per contact. * **Contact Resistance:** < 10 mΩ. * **Insulation Resistance:** > 100 MΩ at 500V DC. * **Coding:** **A-Coded** is the most common interface for sensors, actuators, and motors in industrial automation. --- ### 3. Mechanical & Environmental Specs The M12 series is favored for its robustness in "harsh" environments. | Feature | Specification | | :--- | :--- | | **Ingress Protection** | IP67 (Dust tight, protected against immersion) | | **Coupling Type** | M12 x 1.0 Threaded Nut | | **Cable Jacket** | PVC (Good resistance to acids and alkalis) | | **Operating Temp** | -25°C to +85°C (Standard range) | | **Wire Gauge** | Usually 22 AWG or 24 AWG depending on exact build | --- ### 4. Typical Applications * **Industrial Automation:** Connecting proximity sensors, limit switches, and photoelectric sensors. * **Robotics:** Right-angle (RA) connectors are used where space is constrained and a straight cable exit is impossible. * **Process Control:** Connecting valves and actuators in factory production lines. --- ### 5. Wiring Pinout (Standard A-Coded 3-Pin) In most industrial standards (IEC 61076-2-101), a 3-pin A-coded cable follows this convention: ```text Pin 1: Brown (+) Positive Supply Pin 3: Blue (-) Negative Supply Pin 4: Black (S) Signal / Switching Output ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coded and B-coded M12 connectors?
    • ⤷ Can this cable be used for high-speed Ethernet data transmission?
    • ⤷ What are the chemical resistance benefits of a PVC jacket vs a PUR jacket?