Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PXPPVC12RAM03ACL150PVC

  • AI
    The part number **PXPPVC12RAM03ACL150PVC** refers to a high-quality industrial M12 sensor/actuator cable assembly, typically manufactured by **Bulgin** (as part of their Buccaneer series). --- ## 1. Technical Specification Breakdown The alphanumeric code describes the physical and electrical characteristics of the connector and cable: | Segment | Feature | Description | | :--- | :--- | :--- | | **PXP** | Series | Bulgin Buccaneer M12 Series | | **PVC** | Body Material | Overmolded Polyvinyl Chloride | | **12** | Connector Size | M12 Standard Industrial Thread | | **RA** | Orientation | Right Angle (90-degree elbow) | | **M** | Gender | Male Plug | | **03** | Pin Count | 3 Poles (3-wire configuration) | | **A** | Coding | A-Coded (Standard for sensors/DC power) | | **CL** | Locking Type | Metal Screw Nut (Coupling Ring) | | **150** | Cable Length | 1.50 Meters (150cm) | | **PVC** | Jacket Material | PVC Outer Cable Jacket | --- ## 2. Key Component Details ### A. The Connector (M12 A-Coded) * **Standardization:** A-Coding is the most common variant used for sensors, actuators, and small motors. * **Form Factor:** The **Right Angle (RA)** design is crucial for tight spaces where a straight cable would be bent or damaged. * **Durability:** Usually rated at **IP67** or **IP68**, meaning it is waterproof and dust-tight when properly mated. ### B. The Cable (PVC Jacket) * **Material:** PVC is a general-purpose insulation. It is cost-effective and resistant to many chemicals but less flexible in extreme cold compared to PUR (Polyurethane). * **Internal Wiring:** Since this is a "03" model, it contains three internal conductors (typically Brown, Blue, and Black following standard color codes). ### C. Electrical Ratings * **Voltage:** Typically rated up to **250V AC/DC**. * **Current:** Generally rated for **4A** per contact. --- ## 3. Common Applications * **Factory Automation:** Connecting proximity sensors, limit switches, and photoelectric sensors to I/O blocks. * **Robotics:** Powering small DC motors or transmitting signal data in non-continuous flexing environments. * **Process Control:** Linking industrial instrumentation in wash-down areas. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring color codes for a 3-pin A-coded M12 connector?
    • ⤷ How does a PVC jacket compare to a PUR jacket for industrial cables?
    • ⤷ What is the IP rating for the Bulgin M12 series when mated?