Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PXPPVC12RAM05BCL030PVC

  • AI
    Based on the product code **PXPPVC12RAM05BCL030PVC**, this is a specialized **industrial automation connectivity cable** manufactured by **Bulgin** (under the Buccaneer series). It is an M12 circular connector assembly. --- ### Technical Breakdown of the Part Number The alphanumeric code describes the physical and electrical characteristics of the cable assembly: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **PXP** | Series | Bulgin Buccaneer M12 Series | | **PVC** | Body Material | Polyvinyl Chloride (Molded Body) | | **12** | Size/Type | M12 Standard Industrial Diameter | | **RAM** | Orientation | Right Angle, Male Connector | | **05** | Pin Count | 5 Poles (5 internal wires/pins) | | **BCL** | Locking Type | Screw Coupling (Metal Nut) | | **030** | Length | 3.0 Meters | | **PVC** | Cable Jacket | PVC Outer Sheath (Standard Flex) | --- ### Key Electronic & Mechanical Features #### 1. Connector Specifications * **Coding:** Usually **A-Coded** (Standard for sensors, actuators, and small power). * **Contact Plating:** Typically Gold-plated brass to prevent oxidation and ensure high signal integrity. * **Coupling Nut:** Nickel-plated brass for high mechanical durability and chemical resistance. #### 2. Electrical Ratings * **Voltage:** Rated for up to **60V AC/DC** (common for 5-pole configurations). * **Current:** Generally rated at **4A per contact**. * **Insulation Resistance:** $>100 \, \text{M}\Omega$ to prevent short circuits or signal leakage. #### 3. Environmental Protection * **IP Rating:** **IP67** (Waterproof when mated). This means it can be submerged in 1 meter of water for 30 minutes. * **Operating Temperature:** Generally $-25^{\circ}\text{C}$ to $+80^{\circ}\text{C}$. --- ### Common Applications This specific cable (Right Angle, 5-pin, 3m) is typically used in the following environments: 1. **Factory Automation:** Connecting proximity sensors or limit switches to a PLC. 2. **Robotics:** The right-angle (RAM) connector is ideal for tight spaces where a straight cable would bend or break. 3. **Process Control:** Linking actuators or valves in wash-down environments (due to the IP67 rating). ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring color code for the 5 pins in this M12 cable?
    • ⤷ How does the PVC jacket compare to a PUR jacket for industrial use?
    • ⤷ What is the difference between A-coded and B-coded M12 connectors?