Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PXPPVC12RAM08ACL030PVC

  • AI
    The part number **PXPPVC12RAM08ACL030PVC** corresponds to a high-quality industrial automation cable assembly, typically manufactured by companies like **Bulgin** (as part of their Buccaneer range) or similar industrial connectivity specialists. Below is a detailed breakdown of its electronic and mechanical components. --- ### 1. Part Number Breakdown (Technical Specifications) | Component Code | Description | Specifications | | :--- | :--- | :--- | | **PXP** | Series Prefix | Buccaneer M12 Series (Standard Circular) | | **PVC** | Cable Jacket Material | Polyvinyl Chloride (General Purpose) | | **12** | Connector Size | M12 Industrial Standard | | **RAM** | Connector Orientation | Right-Angle Male | | **08** | Number of Poles | 8-Pin Configuration | | **ACL** | Coding Type | A-Coded (Standard for Sensors/Actuators) | | **030** | Cable Length | 3.0 Meters | | **PVC** | Overmold Material | PVC construction | --- ### 2. Key Electronic Features #### A. Pin Configuration (A-Coded) The **A-Code** is the most common coding for M12 connectors. It is primarily used for: * DC Power (Sensors and Actuators). * Passive I/O Boxes. * Industrial Ethernet (in specific 8-pole variations). #### B. Electrical Ratings * **Voltage Rating:** Typically **30V AC/DC** (Standard for 8-pole M12). * **Current Rating:** Approximately **2A per contact**. * **Contact Resistance:** < 10 mΩ. * **Insulation Resistance:** > 100 MΩ. --- ### 3. Mechanical & Environmental Characteristics * **Ingress Protection (IP Rating):** When properly mated, these parts usually offer **IP67** or **IP68** protection, meaning they are dust-tight and waterproof. * **Coupling Mechanism:** Threaded M12 x 1.0 screw lock. This ensures high vibration resistance and prevents accidental disconnection. * **Cable Jacket (PVC):** * Good resistance to moisture. * Suitable for medium mechanical stress. * Ideal for static applications (not recommended for high-flex robotic "drag chain" environments). --- ### 4. Typical Applications 1. **Industrial Automation:** Connecting 8-wire sensors or encoders to PLC input modules. 2. **Signal Transmission:** Handling multiple low-voltage control signals in a single shielded or unshielded cable. 3. **Process Control:** Used in food and beverage or factory floor environments where washdowns may occur. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coded and X-coded M12 connectors?
    • ⤷ Can this PVC cable be used in a continuous motion robotic arm?
    • ⤷ What is the wiring color code for an 8-pin A-coded M12 cable?