Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PZ2012D102-R60TF

  • AI
    The **PZ2012D102-R60TF** is a Surface Mount Device (SMD) chip ferrite bead manufactured by **TDK**. It is part of the PZ series, specifically designed for high-current power line noise suppression. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **PZ** | Series Name | High-current type Ferrite Bead | | **2012** | Case Size | 2.0mm x 1.25mm (EIA 0805) | | **D** | Material Code | Characteristic of the ferrite material | | **102** | Impedance | 1000 $\Omega$ (10 x $10^2$) at 100MHz | | **R60** | Rated Current | 0.60 Amperes (600mA) | | **T** | Packaging | Taping (Reel) | | **F** | Lead-Free | RoHS Compliant | --- ### 2. Key Technical Specifications Below are the critical electrical and physical parameters for this component: * **Impedance at 100MHz:** 1000 $\Omega$ (Typical) * **Impedance Tolerance:** ±25% * **DC Resistance (DCR):** 0.30 $\Omega$ (Maximum) * **Rated Current:** 600 mA (Maximum) * **Operating Temperature:** -55°C to +125°C * **Package Size:** 0805 (Metric 2012) --- ### 3. Function and Application Ferrite beads like the PZ2012D102 function as a high-frequency resistor. They allow Low-frequency signals (DC) to pass through while dissipating high-frequency noise as heat. #### Common Applications: * **Power Line Filtering:** Removing high-frequency ripples from switching power supplies. * **EMI Suppression:** Preventing Electromagnetic Interference in consumer electronics (smartphones, PCs). * **Signal Integrity:** Protecting sensitive ICs from noise on VCC lines. --- ### 4. Component Construction The "PZ" series utilizes a **Multilayer Structure**. Unlike a standard wire-wound inductor, this part consists of alternating layers of internal ferrite material and conductive electrodes. This internal structure allows for a low DC resistance while maintaining high impedance at noise frequencies. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How does temperature affect the rated current of this component?
    • ⤷ Can this part be used for high-speed data line filtering?