Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PZ2012D121-R60TF

  • AI
    The **PZ2012D121-R60TF** is a high-performance **Chip Bead** (Ferrite Bead) manufactured by Taiyo Yuden. It is designed for noise suppression in electronic circuits, specifically targeting electromagnetic interference (EMI). --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Impedance** | 120 $\Omega$ (at 100 MHz) | | **Impedance Tolerance** | ±25% | | **Rated Current** | 600 mA (Maximum) | | **DC Resistance (DCR)** | 0.15 $\Omega$ (Maximum) | | **Operating Temperature** | -55°C to +125°C | | **Package Size (EIA)** | 0805 | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific series and capabilities: * **PZ**: Series name (High current/High-speed noise suppression). * **2012**: Dimensions (2.0mm length x 1.25mm width). * **D**: Material code (Indicates the frequency characteristics). * **121**: Impedance value (120 $\Omega$). The first two digits are significant, and the third is the multiplier ($12 \times 10^1$). * **R60**: Rated current (R60 = 0.60A or 600mA). * **TF**: Packaging code (Taping/Reel). --- ### 3. Key Functions and Applications This component acts as a **passive low-pass filter**. It allows DC and low-frequency signals to pass while dissipating high-frequency noise as heat. #### Common Uses: * **Power Lines:** Filtering noise on DC power supply lines for smartphones, tablets, and laptops. * **Signal Lines:** Reducing EMI on high-speed data lines to prevent signal integrity issues. * **Consumer Electronics:** Essential for meeting EMC (Electromagnetic Compatibility) standards in small portable devices. --- ### 4. Implementation Details When designing a PCB with this part, consider the following: ```markdown 1. Placement: Place as close to the noise source or the entry point of the connector as possible. 2. Derating: Ensure the operating current does not exceed 600mA to avoid overheating and impedance shifts. 3. Grounding: Ferrite beads do not require a ground connection; they are placed in series with the line. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'D' and 'U' material codes in Taiyo Yuden beads?
    • ⤷ How does the impedance change as the frequency increases beyond 100 MHz?
    • ⤷ Can this part be used for high-speed USB data line filtering?