Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Q10-R

  • AI
    The **Q10-R** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** often used in RC racing (specifically 1/10 scale touring cars or buggies) or industrial drone applications. Below is a breakdown of the electronic components and technical specifications commonly associated with this part. --- ### 1. Key Technical Specifications The "Q10-R" is designed to manage high current loads and provide precise motor control. | Feature | Specification (Typical) | | :--- | :--- | | **Continuous Current** | 120A - 160A | | **Peak Current** | 700A - 800A | | **Input Voltage** | 2S - 3S LiPo (7.4V - 11.1V) | | **BEC Output** | 6V/7.4V @ 5A (Switch mode) | | **Motor Type** | Sensored / Sensorless Brushless | | **Housing** | CNC Aluminum Heat Sink | --- ### 2. Internal Electronic Components The device is comprised of several critical stages that convert battery DC power into 3-phase AC power for the motor. #### A. Power MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) These are the "muscles" of the ESC. * **Function:** They switch the high-current power on and off thousands of times per second. * **Quality:** High-end models like the Q10-R use low-resistance MOSFETs to minimize heat generation and maximize efficiency. #### B. The Microprocessor (MCU) * **Function:** The "brain" of the unit. It processes throttle signals from the receiver and calculates the exact timing for the MOSFETs. * **Firmware:** Often supports "Boost" and "Turbo" timing adjustments to increase motor RPM beyond its physical KV rating. #### C. Built-in BEC (Battery Eliminator Circuit) * **Function:** Steps down the main battery voltage (e.g., 11.1V) to a steady 6.0V or 7.4V. * **Purpose:** Powers the steering servo and the radio receiver so a separate battery is not required. #### D. Capacitors (External or Internal) * **Function:** Acts as a buffer to stabilize voltage ripples. * **Importance:** During hard acceleration, the battery voltage can "sag." Capacitors provide a burst of stored energy to protect the ESC electronics from voltage spikes. --- ### 3. Connection Interface The Q10-R utilizes a standardized wiring layout for integration into electronic systems: ```cpp // Typical Wiring Logic [ Battery + / - ] ----> [ ESC Power Input ] [ ESC Phase A,B,C ] --> [ Brushless Motor ] [ Sensor Cable ] -----> [ Motor Hall Sensors ] [ PWM Signal ] -------> [ RC Receiver Throttle Port ] ``` --- ### 4. Advanced Electronic Features * **Thermal Protection:** Integrated thermistors monitor the board temperature and will cut power if the MOSFETs exceed ~100°C. * **Data Logging:** Many Q10-R variants record minimum voltage, maximum temperature, and max RPM for post-race analysis. * **Programming Port:** A dedicated interface for connecting to an LCD program box or a Bluetooth module for smartphone tuning. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between sensored and sensorless brushless systems?
    • ⤷ How do I calculate the correct C-rating for a battery to match a 120A ESC?
    • ⤷ What are the common causes of MOSFET failure in high-performance ESCs?