Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Q25-SP6-R

  • AI
    The **Q25-SP6-R** is a specific electronic component, typically categorized as a **Circular Plastic Connector (CPC)** or a specialized **multi-pin signal connector**, often utilized in industrial control systems and sensing applications. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Technical Specifications The "Q25" series generally refers to the mounting diameter (25mm) or a specific series designation by manufacturers like Banner Engineering or similar industrial part providers. | Feature | Specification | | :--- | :--- | | **Mounting Type** | Panel Mount / Threaded | | **Diameter** | 25 mm | | **Contact Gender** | Socket / Female (typically indicated by 'S') | | **Number of Pins** | 6 Pins | | **Contact Material** | Gold-plated Brass or Copper Alloy | | **Housing Material** | Polycarbonate or Thermoplastic | | **Ingress Protection** | IP67 (when mated) | --- ## 2. Key Electronic Components ### A. Contact Configuration (The "6-R" suffix) * **Pin Arrangement:** The 6 pins are usually arranged in a circular pattern to ensure high-density signal transmission in a compact 25mm footprint. * **Voltage Rating:** Typically rated for **150V to 250V AC/DC** depending on the insulation thickness between pins. * **Current Capacity:** Standard versions support **2A to 5A per contact**. ### B. Signal Integrity The "R" in the part number often signifies a **Right-Angle** orientation or a **Reverse** keying mechanism. * **Shielding:** Designed to minimize Electromagnetic Interference (EMI) if used with shielded cabling. * **Coupling:** Uses a threaded coupling nut to ensure a secure electronic connection that is vibration-resistant. --- ## 3. Application Use Cases The Q25-SP6-R is engineered for environments where a standard consumer-grade plug would fail. 1. **Industrial Sensors:** Connecting photo-eyes, ultrasonic sensors, or proximity switches to a main control panel. 2. **Robotics:** Used in "end-of-arm" tooling where 6-wire communication (Power, Ground, and 4 Signal lines) is required. 3. **Medical Equipment:** Used in diagnostic devices requiring a locking, sterilizable-surface connector. --- ## 4. Wiring Diagram Representation In a standard 6-pin electronic setup for this part, the wiring usually follows this logic: ```text Pin 1: V+ (Brown) Pin 2: Signal Out / White Pin 3: V- (Blue) Pin 4: Signal Out / Black Pin 5: Control/Gray Pin 6: Shield/Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your Q25-SP6-R unit (e.g.
    • ⤷ Banner Engineering)?
    • ⤷ Do you need the pinout diagram for a specific sensor integration?
    • ⤷ Are you looking for a compatible mating cable for this connector?