Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • QO2125

  • AI
    The **QO2125** is a specific model of circuit breaker manufactured by **Square D** (a brand of Schneider Electric). It belongs to the renowned **QO (Quick-Open)** family, which is widely used in residential and commercial electrical panels. --- ## 1. Technical Specifications The "QO2125" name contains specific data about its electrical characteristics: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Product Series** | QO (Quick-Open) | | **Amperage Rating** | 125 Amperes | | **Number of Poles** | 2-Pole (Double Pole) | | **Voltage Rating** | 120/240V AC | | **Interrupt Rating** | 10,000 AIR (Amps Interrupting Rating) | | **Mounting Type** | Plug-on | | **Wire Size Range** | #4 to 2/0 AWG (Al/Cu) | --- ## 2. Key Internal Components While a standard QO2125 is a **thermal-magnetic** breaker rather than a digital electronic device, it contains precision-engineered parts that act as a system: ### A. Thermal Element (Bimetallic Strip) * **Function:** Handles **overloads**. * **Operation:** As current flows, the strip heats up. If the current exceeds 125A for a sustained period, the strip bends due to heat, eventually hitting the trip bar and opening the circuit. ### B. Magnetic Element (Electromagnet) * **Function:** Handles **short circuits**. * **Operation:** In the event of a high-current surge (like a direct short), an internal electromagnet instantly pulls the trip bar to disconnect power in milliseconds, preventing fires or explosions. ### C. Visi-Trip™ Indicator * **Function:** Status signaling. * **Operation:** This is a mechanical flag. When the breaker trips, a high-visibility **red indicator** appears in a window on the breaker face, making it easy to identify which circuit has failed. ### D. Arc Chutes * **Function:** Safety/Extinguishing. * **Operation:** When the contacts open under load, an electric arc is formed. The arc chutes consist of metal plates that divide and cool the arc, extinguishing it quickly to prevent damage to the breaker casing. --- ## 3. Physical Compatibility The QO2125 is designed specifically for **QO Load Centers**. * **Plug-on Design:** It features the signature QO "claws" that snap onto the bus bar. * **Physical Size:** This is a "large frame" breaker compared to standard 15A or 20A units. It occupies two spaces (3 inches wide) in the panel to accommodate the heavy-duty lugs required for 125A wiring. --- ## 4. Typical Applications Because of its high amperage (125A), this breaker is rarely used for individual branch circuits (like lights or outlets). Instead, it is used for: 1. **Sub-panel Feeders:** Providing power from a main panel to a secondary panel in a garage or addition. 2. **Electric Furnaces:** Powering high-draw HVAC heating elements. 3. **Large Machinery:** Industrial or heavy workshop equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between QO and HOMELINE (Homeline) breakers?
    • ⤷ Can a QO2125 be used in a panel from a different brand like Eaton or Siemens?
    • ⤷ What gauge wire is required for a 125A circuit breaker?