Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • QO21252100

  • AI
    The **QO21252100** is a specific type of electrical circuit breaker manufactured by Square D (Schneider Electric). It is a "Quad" or "Tandem" style breaker designed for use in QO load centers. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Product Line** | QO (Quick-Open) | | **Breaker Type** | Quadruple / Tandem / Replacement | | **Poles** | Two 2-Pole circuits (Integrated) | | **Ampere Rating** | 125A (Outer) / 100A (Inner) | | **Voltage Rating** | 120/240V AC | | **Interrupt Rating** | 10 kA | | **Mounting Type** | Plug-On | --- ### Internal Electronic & Mechanical Components While this is primarily an **electromechanical** device rather than a solid-state electronic one, it contains several critical components that allow it to function: 1. **Bi-Metallic Strip (Thermal Trip):** * This component handles **overload** protection. As current flows, the metal heats up. If the current exceeds the rated 100A or 125A for too long, the strip bends and triggers the trip mechanism. 2. **Electromagnetic Solenoid (Magnetic Trip):** * This handles **short-circuit** protection. In the event of a massive surge (short circuit), a magnetic field is generated instantly, pulling a lever to trip the breaker immediately (the "Quick-Open" feature). 3. **Visi-Trip Indicator:** * A mechanical visual aid (usually a red flag) that appears in the window when the breaker has tripped, allowing for easy diagnostics. 4. **Arc Chutes:** * A series of metal plates designed to extinguish the electrical arc that forms when the contacts pull apart under load, preventing damage to the breaker casing. ### Usage and Configuration The **QO21252100** is unique because it provides **two 2-pole breakers** in the space usually occupied by only two standard poles. * **The "Outer" handles:** Usually rated for the higher amperage (125A). * **The "Inner" handles:** Usually rated for the secondary amperage (100A). * **Common Trip:** Both poles of each specific circuit are tied together; if one leg trips, both legs of that specific 240V circuit trip simultaneously. --- ### Key Applications * **Panel Upgrades:** Used when a load center is full and more 240V circuits are needed without replacing the entire panel. * **Sub-panels:** Often used to feed a 100A or 125A sub-panel from a main distribution board.
    ✨ Follow-up Questions
    • ⤷What is the difference between QO and HOMELINE breakers?
    • ⤷ Can this breaker be used in any electrical panel brand?
    • ⤷ How do I identify if my Square D panel accepts tandem breakers?