Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • QO2125CP

  • AI
    ## Technical Overview of the QO2125CP Circuit Breaker The **QO2125CP** is a specific model of circuit breaker manufactured by **Square D** (a brand of Schneider Electric). It belongs to the **QO (Quick-Open)** family, which is widely considered the industry standard for residential and commercial electrical protection. --- ### 1. Key Specifications The following table outlines the primary electronic and physical characteristics of the unit: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Model Number** | QO2125CP | | **Amperage Rating** | 125 Amps | | **Voltage Rating** | 120/240V AC | | **Number of Poles** | 2-Pole (Common Trip) | | **Interrupt Rating** | 10,000 AIC (10k AIR) | | **Phase** | Single Phase | | **Mounting Type** | Plug-on | | **Wire Size Range** | #4 to 2/0 AWG (Al/Cu) | --- ### 2. Functional Components While a standard QO breaker is primarily **electro-mechanical** rather than purely electronic, it utilizes sophisticated physical components to manage electricity: * **Visi-Trip™ Indicator:** This is a signature feature of the QO line. When the breaker trips, a highly visible **red indicator** appears in the window, making it easy to identify the failed circuit at a glance. * **Thermal-Magnetic Trip Mechanism:** * **Thermal Protection:** Uses a bimetallic strip to respond to sustained overloads. As current exceeds 125A, the strip heats up and bends, eventually releasing the trigger. * **Magnetic Protection:** Uses an internal electromagnet to respond to short circuits. This allows for a "Quick-Open" response to high-intensity faults, protecting the wiring from melting. * **Plug-on Connection:** The "CP" in the model number often refers to "Consumer Packaging," but technically, the QO design features a pressure-sprung jaw that clips directly onto the bus bar, ensuring a high-conductivity connection. --- ### 3. Application Use Cases The QO2125CP is a high-amperage breaker, typically used for: 1. **Main Breaker:** Used as the primary disconnect in a small sub-panel. 2. **Large Appliances:** Powering heavy loads like large electric furnaces, tankless water heaters, or EV charging stations. 3. **Feeder Breaker:** Providing power from a main service panel to a secondary distribution panel in a garage or shed. --- ### 4. Compatibility Warning The QO2125CP is **only** compatible with **Square D QO load centers**. It will not fit into Square D "Homeline" panels, nor will it fit into brands like Siemens, GE, or Eaton. > **Safety Note:** Always ensure the main power is disconnected before attempting to install or replace a 125A breaker, as these handle significant levels of current.
    ✨ Follow-up Questions
    • ⤷What is the difference between QO and Homeline breakers?
    • ⤷ Does the QO2125CP support GFCI or AFCI protection?
    • ⤷ What gauge of wire is required for a 125 amp circuit breaker?