Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • QO2125VH1201

  • AI
    The **QO2125VH1201** is a specific model of a molded case circuit breaker manufactured by **Schneider Electric (Square D)**. It belongs to the QO (Quick-Open) family, which is widely used in residential, commercial, and industrial electrical distribution systems. --- ## 🏗️ Core Specifications Below is a breakdown of the vital electrical components and characteristics for this specific part: | Characteristic | Specification | | :--- | :--- | | **Product Type** | Miniature Circuit Breaker (MCB) | | **Poles** | 2-Pole (occupies two spaces in the panel) | | **Current Rating** | 125 Amperes | | **Voltage Rating** | 120/240 V AC | | **Interrupt Rating** | 22,000 Amperes (22 kA) | | **Mounting Type** | Plug-On (Square D QO design) | | **Wire Size** | AWG 4 to 2/0 (Copper or Aluminum) | --- ## ⚡ Key Electronic & Mechanical Features ### 1. VH Rating (High Interrupting Capacity) The "VH" in the model number designates a **High Interrupting Capacity**. Standard QO breakers often have a 10kA rating. This unit is rated for **22kA**, meaning it can safely handle and extinguish a much higher short-circuit current without exploding or welding the contacts. ### 2. Visi-Trip™ Indicator A hallmark of the QO line is the mechanical indicator. When the breaker trips, a highly visible **red flag** appears in the window, making it easy to identify which circuit has failed at a glance. ### 3. Thermal-Magnetic Trip Mechanism This breaker uses two methods of protection: * **Thermal Protection:** A bimetallic strip that bends over time when exposed to moderate overloads, protecting the wire insulation from overheating. * **Magnetic Protection:** An electromagnetic coil that reacts instantly to high-current short circuits, pulling the contacts apart in milliseconds. ### 4. Pressure Plate Terminals Unlike lower-amperage breakers that use simple screws, the 125A model uses heavy-duty pressure plates to ensure a secure, low-resistance connection for large-gauge conductors (up to 2/0 AWG). --- ## 🛠️ Applications Because of its high amperage (125A) and high interrupt rating (22kA), this breaker is typically used as: * **Sub-panel Feeders:** Sending power from a main service entrance to a secondary panel in a large home or workshop. * **Large Machinery:** Powering heavy HVAC units or industrial equipment. * **Commercial Kitchens:** Protection for large ovens or refrigeration racks. --- ### ⚠️ Safety Warning This breaker is designed specifically for **Square D QO Load Centers**. It will not fit into Homeline, GE, Siemens, or Eaton panels. Always ensure the power is disconnected before installing or replacing high-amperage circuit breakers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between QO and Homeline breaker series?
    • ⤷ How do I calculate if a 125A breaker is sufficient for my sub-panel wire gauge?
    • ⤷ Can this breaker be used in 3-phase electrical systems?