Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • QO2175VH

  • AI
    The **QO2175VH** is a high-performance circuit breaker manufactured by Square D (Schneider Electric). It belongs to the **QO (Quick-Open)** family, which is widely regarded as the industry standard for residential and commercial electrical protection. --- ### Technical Specifications The "VH" suffix indicates a **High Interrupting Rating**, making this specific model suitable for environments with high available fault currents. | Feature | Specification | | :--- | :--- | | **Product Type** | Miniature Circuit Breaker (MCB) | | **Poles** | 2-Pole (Common Trip) | | **Current Rating** | 175 Amperes | | **Voltage Rating** | 120/240 V AC | | **Interrupting Rating** | 22 kA (Kilo-Amps) | | **Mounting Type** | Plug-on | | **Wire Size Range** | #4 AWG - 300 kcmil (Al/Cu) | --- ### Key Electronic & Mechanical Components 1. **Thermal-Magnetic Trip Mechanism**: * **Thermal Trip:** Uses a bimetallic strip that bends when heated by moderate, long-term overloads, eventually tripping the latch. * **Magnetic Trip:** Uses an electromagnetic coil to provide instantaneous protection against high-level short circuits. 2. **Visi-Trip™ Indicator**: A signature Square D feature. When the breaker trips, a highly visible **red mechanical flag** appears in a window on the face of the breaker, making it easy to identify the failed circuit in a crowded panel. 3. **Quick-Make / Quick-Break**: The internal mechanism ensures that the contacts open and close at a high speed, independent of the handle speed. This reduces internal arcing and extends the life of the copper contacts. 4. **Pressure Plate Terminals**: Given the high amperage (175A), the breaker uses heavy-duty mechanical lugs designed to maintain high pressure on large gauge wiring to prevent resistive heating at the connection point. --- ### Comparison: QO vs. QOB vs. VH It is important to distinguish between the standard QO and the VH variant: * **QO Standard:** Typically rated at 10 kA interrupting capacity. * **QO-VH:** Rated at **22 kA**, allowing it to safely quench much larger electrical arcs during a short circuit without exploding or welding shut. * **Form Factor:** The QO2175VH is a "large frame" QO breaker. While it plugs into a standard QO load center, it takes up more space (usually 4 poles wide) than a standard 15A or 20A breaker.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 22kA and a 10kA interrupting rating in practical use?
    • ⤷ Can a QO2175VH be installed in a standard residential NQ panel?
    • ⤷ What are the torque requirements for the lugs on a 175A QO breaker?