Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • QTHA-RGS0_19

  • AI
    The **QTHA-RGS0** (specifically referencing the Ralston Instruments Pressure Connection series) is a high-pressure adapter system. While these are primarily mechanical components used in calibration and pressure measurement, their "electronic parts" are relevant in the context of the **digital pressure gauges** or **transmitters** they are designed to interface with. Below is an overview of the technical components and electronic considerations related to this hardware. --- ## 1. Component Overview The QTHA-RGS0 refers to a **Quick-test NPT Male Rigid Stud**. In a digital calibration setup, this part serves as the physical bridge between the pressure source and the electronic sensor. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Connection Type** | Interface with pressure sensors | NPT (National Pipe Thread) | | **Material** | Structural integrity | 316 Stainless Steel | | **Seal Type** | Leak prevention for sensors | Viton O-ring | | **Max Pressure** | Electronic safety limit | 5,000 psi (350 bar) | --- ## 2. Electronic Integration Aspects When discussing the "electronic parts" of a system using the RGS0 adapter, we focus on the **Transducer Interface**. ### A. Pressure Transducer Coupling The RGS0 connects a mechanical pressure line to a **Pressure Transducer**. Inside the transducer: * **Strain Gauges:** Four resistors arranged in a Wheatstone bridge. * **Diaphragm:** The RGS0 directs fluid/gas against a stainless steel diaphragm. * **Signal Conditioner:** Converts the micro-strain into a 4-20mA or 0-10V signal. ### B. Electrical Interference & Grounding Because the QTHA-RGS0 is made of **316 Stainless Steel**, it is conductive. * **Grounding:** The adapter provides a mechanical ground path. In sensitive electronic calibration, ensuring the adapter is properly seated helps prevent static buildup that could interfere with low-voltage sensor readings. * **Noise Shielding:** The rigid connection reduces vibration, which translates to less "electronic noise" in the digital readout of the pressure gauge. ### C. Digital Calibration Workflow In a modern electronic calibration setup, the RGS0 is the input point for a **Digital Reference Gauge**. ```mermaid graph LR A[Pressure Source] --> B[QTHA-RGS0 Adapter] B --> C{Digital Gauge} C --> D[Microprocessor] D --> E[LCD/Digital Display] D --> F[Data Logging/RS232] ``` --- ## 3. Maintenance for Electronic Accuracy To ensure the electronic sensors receive an accurate physical signal: 1. **O-Ring Integrity:** A worn Viton O-ring causes pressure drops, leading to "Sensor Drift" errors in the software. 2. **Thread Cleanliness:** Metal shavings in the NPT threads can damage the sensitive internal diaphragm of an electronic pressure calibrator.
    ✨ Follow-up Questions
    • ⤷ What are the specific torque requirements for the QTHA-RGS0 when connecting to electronic sensors?
    • ⤷ How does 316 stainless steel affect the magnetic interference of nearby electronic components?
    • ⤷ Which digital pressure gauges are most compatible with this specific adapter series?