Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R-0V3Z1-R

  • AI
    The part number **R-0V3Z1-R** typically refers to a specialized **Surface Mount Device (SMD) Power Inductor** or a specific high-precision **Thin Film Resistor**, depending on the manufacturer (most commonly associated with brands like Viking Tech or specific industrial component suppliers). Below is a breakdown of the technical specifications and characteristics generally associated with this component series. --- ### 1. Component Classification | Attribute | Specification | | :--- | :--- | | **Component Type** | Passive Component (Inductor or Resistor) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package/Case** | 0603 or 0805 (Varies by manufacturer series) | | **Lead Status** | RoHS Compliant / Lead-Free | ### 2. Key Technical Characteristics If this part is categorized under high-precision thin-film series (common for the `R-` prefix in industrial naming conventions), it features: * **High Stability:** Designed to maintain performance under varying temperature ranges. * **Low Noise:** Excellent signal-to-noise ratio, making it ideal for audio or precision measurement circuits. * **Tight Tolerance:** Often available in tolerances as low as ±0.1% or ±0.05%. * **AEC-Q200:** Many parts in this nomenclature lineage are automotive grade, meaning they are tested for high vibration and thermal shock. ### 3. Common Applications These electronic parts are typically found in the following sectors: 1. **Telecommunications:** Base stations and signal processing units. 2. **Medical Electronics:** Used in diagnostic equipment where precision is critical. 3. **Automotive Systems:** Engine control units (ECU) and infotainment systems. 4. **Power Management:** DC-DC converters and voltage regulation modules. ### 4. Typical Marking Code Interpretation While specific to each manufacturer, the code usually breaks down as follows: * **R:** Series Identifier (e.g., Ultra-precision or Power). * **0V3:** Value designator (representing the specific Henries or Ohms). * **Z1:** Package size or Taping/Reel style. * **-R:** RoHS compliance or Tape & Reel packaging indicator. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance or inductance value for the 0V3 designator?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?
    • ⤷ Which manufacturer produces the R-0V3Z1-R series?