Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R-1121-R

  • AI
    The **R-1121-R** typically refers to a specific model of an **Electromagnetic Solenoid Valve** or a **Power Relay**, often manufactured by companies like Takamisawa (Fujitsu) or used in specific industrial pneumatic systems. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. Key Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Electromagnetic Relay / Solenoid | | **Coil Voltage** | Typically 12V or 24V DC (Model dependent) | | **Contact Arrangement** | SPDT (1 Form C) or DPDT (2 Form C) | | **Material** | Silver Alloy (Contacts), Copper (Coil) | | **Mounting Type** | PCB Through-hole or Socket Mount | | **Termination** | Solder Pins / Blade Terminals | --- ### 2. Internal Electronic Parts The R-1121-R consists of several critical internal parts that allow it to function as an electromechanical switch: #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into magnetic force. * **Composition:** Fine copper wire wound around a plastic bobbin. When current flows, it creates a magnetic field that pulls the armature. #### B. The Armature and Spring * **Armature:** A moving iron part that reacts to the magnetic field. * **Return Spring:** Ensures that when power is removed, the contacts return to their "Normal" (rest) position. #### C. Contact Set (Switching Element) * **Fixed Contacts:** The stationary terminals (Normally Open - NO, and Normally Closed - NC). * **Moving Contact:** Connected to the armature; it physically moves to complete or break the circuit. * **Plating:** Often gold or silver-plated to prevent oxidation and ensure low contact resistance. --- ### 3. Circuit Application Example In a standard electronic circuit, the R-1121-R is used to allow a low-power signal (like from a microcontroller) to control a high-power load (like a motor or heater). ```cpp // Example: Arduino controlling a Relay like R-1121-R int relayPin = 7; void setup() { pinMode(relayPin, OUTPUT); } void loop() { digitalWrite(relayPin, HIGH); // Coil energized, Circuit Closed delay(1000); digitalWrite(relayPin, LOW); // Coil de-energized, Circuit Open delay(1000); } ``` --- ### 4. Safety and Protection Parts To use the R-1121-R safely in an electronic design, you must include: 1. **Flyback Diode (1N4007):** Placed across the coil to prevent voltage spikes when the relay turns off. 2. **Transistor Switch:** Since most ICs cannot provide enough current for the coil, a BJT or MOSFET is used as a driver. 3. **Optoisolator:** Often used in industrial versions to completely separate the control logic from the load power. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching current for the R-1121-R model?
    • ⤷ How do I wire a flyback diode to this specific relay?
    • ⤷ Is the R-1121-R compatible with AC loads or only DC?