Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R03-R5F

  • AI
    Based on the component designation **R03-R5F**, this part number typically refers to a specific series of **Rotary Switches** or **Electromechanical components**, often associated with brands like *Alpha* or specialty Japanese electronic manufacturers. Below is a breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The **R03 series** is generally defined as a sub-miniature rotary switch used for signal switching in compact electronic devices. The suffix **R5F** usually denotes the specific terminal style and internal configuration. ### Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Rotary Switch (Manual) | | **Max Voltage** | 125V AC / 30V DC | | **Current Rating** | 0.1A to 0.3A | | **Contact Resistance** | < 20 mΩ | | **Insulation Resistance** | > 100 MΩ at 500V DC | | **Rotation Angle** | 30° or 36° per position | | **Mounting Type** | PCB Mount (Through-hole) | --- ## 2. Structural Breakdown (R03-R5F) The part number can be decoded into its physical and electrical characteristics: ### A. The "R03" Series (Body) * **Form Factor:** Miniaturized circular body, designed to save space on a Printed Circuit Board (PCB). * **Housing:** Usually made of high-temperature thermoplastic or diallyl phthalate (DAP) for heat resistance during soldering. ### B. The "R5F" Configuration (Electrical) * **Poles and Positions:** In this series, the "5" often indicates the number of active positions available (e.g., a 1-pole, 5-position switch). * **Terminal Layout:** The "F" often signifies "Flat" terminals or a specific pin orientation designed for vertical PCB insertion. * **Stopping Mechanism:** These switches often feature a "Continuous" or "Fixed Stop" mechanism depending on the internal cam. --- ## 3. Typical Circuit Application Because these parts handle low current, they are not used for power switching. Instead, they are found in: * **Audio Equipment:** Selecting input sources (CD, Aux, Phono). * **Test Instruments:** Switching between measurement ranges (Voltage, Ohms, Amps). * **Industrial Controls:** Mode selection for automated machinery. --- ## 4. Pinout Logic Example For a 1-pole 5-position (R5F) configuration, the pinout typically looks like this in code/logic representation: ```text Pin C (Common) -> Input Signal Pin 1 -> Output A (Position 1) Pin 2 -> Output B (Position 2) Pin 3 -> Output C (Position 3) Pin 4 -> Output D (Position 4) Pin 5 -> Output E (Position 5) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your R03-R5F component?
    • ⤷ Do you need the mechanical footprint dimensions for PCB design?
    • ⤷ Are you looking for a modern replacement for an obsolete R03 switch?