Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R10-R

  • AI
    The term **"R10"** or **"R"** in electronics usually refers to standard resistor designations based on international standards (IEC 60063) or component identification on a circuit board (PCB). --- ## 1. Reference Designators (PCB Labeling) On a printed circuit board, the letter **R** stands for **Resistor**. The number following it (e.g., R10) is a positional identifier used to locate the part in a schematic diagram. | Designator | Component Type | Function | | :--- | :--- | :--- | | **R10** | 10th Resistor in the circuit | Limits current flow or divides voltage. | | **R1** | 1st Resistor | Typically used at the input or power stage. | | **R** | General prefix | Indicates any resistive element. | --- ## 2. R10 Preferred Number Series (E-Series) In component manufacturing, the **R10 series** refers to a specific logarithmic scale used to determine standard values for resistors and capacitors. It is part of the ISO 3 standard (Renard numbers). ### The R10 Series Values The R10 series divides a decade (e.g., 1 to 10) into 10 steps. Every value is approximately $10^{1/10}$ (or ~1.25) times the previous value. | Step | Value (Base 10) | | :--- | :--- | | 1 | **1.0** | | 2 | **1.25** | | 3 | **1.6** | | 4 | **2.0** | | 5 | **2.5** | | 6 | **3.15** | | 7 | **4.0** | | 8 | **5.0** | | 9 | **6.3** | | 10 | **8.0** | --- ## 3. Resistance Marking Codes In small Surface Mount Device (SMD) resistors, the letter **R** is often used as a **decimal point** to indicate low resistance values. ### Common Examples: * **10R**: This means **10 $\Omega$** (The 'R' replaces the $\Omega$ symbol). * **R10**: This means **0.10 $\Omega$** (The 'R' acts as a leading decimal). * **4R7**: This means **4.7 $\Omega$**. * **1R0**: This means **1.0 $\Omega$**. ### Code Logic Table | Code | Meaning | Value | | :--- | :--- | :--- | | `R10` | $0.10 \Omega$ | Fractional Ohms (Current Sensing) | | `10R` | $10 \Omega$ | Low Resistance | | `100` | $10 \times 10^0$ | $10 \Omega$ (3-digit code) | | `101` | $10 \times 10^1$ | $100 \Omega$ | --- ## 4. Why use R10 (0.1 Ohm) Resistors? Resistors labeled **R10** (0.1 $\Omega$) are frequently used as **Shunt Resistors** for: 1. **Current Sensing:** Measuring the voltage drop across the resistor to calculate current flow ($I = V/R$). 2. **Over-current Protection:** Triggering a shutdown if the voltage across the R10 resistor exceeds a threshold. 3. **LED Drivers:** Balancing current in high-power LED arrays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between R10 and 10R in SMD marking?
    • ⤷ How do you calculate the power rating for an R10 shunt resistor?
    • ⤷ What are the E-series standards for resistor tolerances?