Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R10-R2W1DC

  • AI
    Based on the part number **R10-R2W1DC**, this refers to a specific configuration of an **electromechanical relay** manufactured by **TE Connectivity (formerly Potter & Brumfield)**. The R10 series is widely known for its versatility and multi-pole configurations. --- ### 1. Part Number Breakdown Understanding the specific electronic attributes requires decoding the alphanumeric string: | Segment | Meaning | Specification Details | | :--- | :--- | :--- | | **R10** | Series | General-purpose low profile relay | | **R2** | Mounting/Terminals | PC board terminals, 2-pole spacing | | **W1** | Contact Material | Silver-cadmium oxide (Fine silver) | | **DC** | Coil Type | Direct Current operation | --- ### 2. Core Electronic Components #### A. The Coil (Actuator) The coil is the input side of the relay. In the **DC** variant, it is designed to be driven by a constant voltage source. - **Operation:** When current flows through the coil, it creates a magnetic field that pulls the armature. - **Sensitivity:** R10 coils are available in various sensitivities (Standard, Ultra-sensitive, or Dual-coil). #### B. Contact System (The Switch) The "W1" designation defines the electrical characteristics of the switching contacts: - **Arrangement:** Typically DPDT (Double Pole Double Throw) or 4PDT depending on the specific sub-model. - **Load Rating:** These are usually rated for **up to 7.5 Amps** at 115VAC or 28VDC. - **Material:** Fine silver provides low contact resistance, making it suitable for both signal and power switching. #### C. Physical Construction * **Dust Cover:** Most R10 relays come with a clear polycarbonate "cradle" cover to protect the mechanical parts from debris. * **Terminals:** Designed for through-hole soldering on a Printed Circuit Board (PCB). --- ### 3. Electrical Specifications Summary | Feature | Specification | | :--- | :--- | | **Contact Voltage (Max)** | 120 VAC / 30 VDC | | **Contact Current** | 7.5A (depends on specific load) | | **Insulation Resistance** | 1,000 MΩ minimum | | **Dielectric Strength** | 500V - 1000V RMS between open contacts | | **Operating Temperature** | -55°C to +75°C | --- ### 4. Typical Applications * **Industrial Controls:** Logic switching in older automated machinery. * **Audio Equipment:** Signal routing in vintage amplifiers or mixing consoles. * **Test Equipment:** Multi-channel switching where physical isolation is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your R10-R2W1DC model?
    • ⤷ Do you need a wiring diagram for the DPDT pinout?
    • ⤷ Are you looking for a modern solid-state alternative to this relay?