Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R1016C

  • AI
    The **R1016C** is a part number typically associated with high-precision, thick-film chip resistors or, in some contexts, specific legacy integrated circuits. Based on current industry standards, this part is most commonly identified as a **Surface Mount Device (SMD) Resistor** used in power management and signal conditioning. --- ### 1. Technical Specifications Below are the general specifications for a standard R1016C series component (Note: Specifications may vary slightly by manufacturer, such as Rohm or Panasonic). | Feature | Specification | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | | **Package Size** | 1016 Metric (0406 Imperial) | | **Resistance Range** | 10Ω to 1MΩ (Common range) | | **Tolerance** | ±1% or ±5% | | **Power Rating** | 0.063W to 0.1W (typical for this footprint) | | **Operating Temperature** | -55°C to +155°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Characteristics The "1016" designation refers to the physical dimensions of the component in millimeters. * **Length:** 1.0 mm * **Width:** 1.6 mm * **Construction:** The part consists of a ceramic substrate with a resistive element printed on top, protected by a glass or epoxy coating. The terminals are typically tin-plated for easy soldering. --- ### 3. Functional Roles in Circuits The R1016C serves several critical roles in electronic assemblies: 1. **Current Limiting:** Prevents excessive current from damaging sensitive components like LEDs or transistors. 2. **Voltage Division:** Used in pairs to create a specific reference voltage for microcontrollers or sensors. 3. **Pull-up/Pull-down:** Ensures digital logic pins stay at a defined High or Low state when not actively driven. 4. **Impedance Matching:** Used in high-frequency signal paths to prevent signal reflection. --- ### 4. Identification and Marking Because the 1016/0406 package is very small, marking codes are often used instead of full values: * **3-Digit Code:** E.g., `103` represents $10 \times 10^3$ or 10kΩ. * **4-Digit Code:** E.g., `1002` represents $100 \times 10^2$ or 10kΩ (used for 1% precision). --- ### 5. Troubleshooting Tips If you are testing an R1016C on a PCB: * **Visual Inspection:** Look for cracks in the ceramic or "charring" (blackening), which indicates an over-power failure. * **Multimeter Test:** Measure resistance in-circuit; note that parallel paths may cause lower readings than the rated value. * **Solder Joint Integrity:** Check for "tombstoning" (the part standing on one end) which is common in small SMD parts during the reflow process.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the R1016C part you are using?
    • ⤷ How do I calculate the maximum voltage for a resistor of this size?
    • ⤷ What are the alternatives to the 1016 package if it is out of stock?