Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R152S

  • AI
    The **R152S** typically refers to a high-performance **Voltage Regulator IC** (specifically a Low Dropout Regulator or LDO) often produced by manufacturers like Ricoh (now Nisshinbo Micro Devices). It is designed for applications requiring high stability and low noise. --- ## 1. Core Technical Specifications The R152S series is characterized by its ability to handle relatively high input voltages compared to standard consumer LDOs. | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 3.5V to 36V (Max 50V peak) | | **Output Voltage Range** | 2.0V to 12.0V (Fixed) | | **Output Current** | 150mA | | **Dropout Voltage** | ~0.6V at 150mA | | **Supply Current (Typ.)** | 40µA (Low power consumption) | | **Operating Temperature** | -40°C to 105°C (Automotive grade available) | --- ## 2. Key Electronic Features ### A. High Input Voltage Tolerance Unlike standard 5V or 12V regulators, the R152S can handle up to **36V** continuously. This makes it ideal for industrial equipment and automotive electronics where battery voltage fluctuations are common. ### B. Protection Circuits The IC integrates several safety mechanisms to prevent damage to the component or the connected load: * **Overcurrent Protection:** Limits the output current to protect the IC during a short circuit. * **Thermal Shutdown:** Automatically turns off the device if the internal junction temperature exceeds safe limits (usually around 150°C). * **Short-Circuit Protection:** Reduces current to a minimum if the output is grounded. ### C. Low Dropout (LDO) Characteristics "Low Dropout" means the device can maintain a regulated output voltage even when the input voltage is only slightly higher than the output (e.g., maintaining 5V output with a 5.6V input). --- ## 3. Pin Configuration (Typical SOT-23-5 Package) The device is commonly found in small surface-mount packages. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Regulated Output Voltage | | 2 | **GND** | Ground Pin | | 3 | **VIN** | Input Voltage Supply | | 4 | **NC/CE** | No Connection or Chip Enable (high to activate) | | 5 | **VADJ/NC** | Feedback/Adjustment or No Connection | --- ## 4. Application Circuit Example To ensure stability, LDOs require external capacitors. Below is a conceptual representation: ```text Input (Vin) ----[ C1: 0.1uF ]----( VIN ) [ R152S ] ( VOUT )----[ C2: 10uF ]---- Output (Vout) ( GND ) | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the R152S and standard 7805 regulators?
    • ⤷ Can the R152S be used in automotive 24V systems safely?
    • ⤷ Which specific package types are available for the R152S series?