Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R2-6-R/

  • AI
    The part number **R2-6-R** typically refers to a **High-Current Power Ring Terminal** or a specific **Fast-Acting Fuse** (often associated with brands like Bussmann or generic industrial hardware manufacturers). Below is a technical breakdown assuming the context of an electrical connector/component: ## 1. Technical Specifications This component is designed for high-conductivity connections in power distribution systems. | Specification | Typical Value | | :--- | :--- | | **Type** | Ring Terminal / Lug | | **Wire Gauge (AWG)** | 6 AWG | | **Stud Size** | #10 or M5/M6 (Depending on Series) | | **Material** | Electrolytic Copper | | **Plating** | Tin Plated (for corrosion resistance) | | **Insulation** | Non-Insulated | --- ## 2. Key Features * **High Conductivity:** Manufactured from high-grade copper to ensure minimal voltage drop. * **Corrosion Resistance:** The "R" suffix often indicates RoHS compliance and a tin-plated finish to prevent oxidation. * **Brazed Seam:** Many parts in this series feature a brazed seam in the crimp barrel, ensuring the barrel does not open under high stress or vibration. * **Deep Internal Serrations:** Designed to provide maximum tensile strength and wire contact after crimping. --- ## 3. Application Use-Cases Components like the R2-6-R are essential in environments where high current and reliability are required: 1. **Automotive Power:** Connecting heavy-gauge wire to battery terminals or alternators. 2. **Industrial Control Panels:** Grounding wires and power distribution blocks. 3. **Marine Electronics:** Used because the tin plating resists salt-water corrosion. 4. **Renewable Energy:** Connecting solar inverter cables to battery banks. --- ## 4. Installation Best Practices To ensure the electronic integrity of the part: * **Tooling:** Use a ratcheting crimp tool designed for 6 AWG non-insulated terminals. * **Heat Shrink:** Since these are typically non-insulated, use **Adhesive Lined Heat Shrink** to seal the wire-to-terminal junction. * **Torque:** Ensure the nut securing the ring terminal to the stud is torqued to the manufacturer's specification to avoid "hot spots." ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for a 6 AWG ring terminal?
    • ⤷ Are there insulated versions of the R2-6-R available?
    • ⤷ What is the difference between a brazed seam and a butted seam terminal?