Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R28362BKL

  • AI
    The **R28362BKL** typically refers to a high-performance **Step-Down (Buck) DC-DC Converter** or a specialized **Voltage Regulator Module** often used in automotive, industrial, or telecommunications power management systems. Below is a breakdown of its technical specifications, pin functions, and typical applications. --- ### 1. Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Synchronous Step-Down Switching Regulator | | **Input Voltage Range** | 4.5V to 28V (varies by sub-series) | | **Output Current** | Up to 2A - 3A continuous | | **Switching Frequency** | 300 kHz to 1.4 MHz (Adjustable/Fixed) | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 / MSOP-8 (Exposed Pad) | --- ### 2. Core Functional Blocks This electronic part integrates several critical stages to ensure stable power delivery: * **Internal Power MOSFETs:** Low $R_{DS(on)}$ high-side and low-side switches to minimize heat dissipation. * **PWM Controller:** Uses Pulse Width Modulation to regulate the output voltage based on feedback. * **Error Amplifier:** Compares the feedback voltage from the output against an internal reference (usually 0.6V or 0.8V). * **Protection Circuits:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. * **UVLO:** Under-Voltage Lockout to prevent operation at dangerously low input levels. --- ### 3. Pin Configuration Overview While specific pinouts can vary slightly by manufacturer (e.g., Richtek or Renesas variants), the standard configuration is as follows: | Pin Name | Description | | :--- | :--- | | **VIN** | Power Input Supply. | | **SW** | Switching Node; connects to the external inductor. | | **GND** | Ground / Thermal Pad. | | **FB** | Feedback input to set the output voltage via a resistor divider. | | **EN** | Enable pin; pull high to turn on the device. | | **BOOT** | Bootstrap pin for the high-side gate driver (requires a capacitor). | | **COMP/SS** | Compensation or Soft-Start control. | --- ### 4. Application Example (Simplified Circuit) The following code-like structure represents the logical connection of the components: ```text [Input 12V] -> [C_in] -> [VIN Pin] | [R28362BKL] -> [SW Pin] -> [Inductor] -> [C_out] -> [Output 3.3V] | | [Feedback] <--- [Resistor Divider] ``` --- ### 5. Typical Applications 1. **Automotive Systems:** Powering infotainment units or ADAS sensors from the battery. 2. **Distributed Power Systems:** Converting 24V industrial rails down to 5V or 3.3V for microcontrollers. 3. **Consumer Electronics:** Set-top boxes, routers, and LCD monitors.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for a 5V output?
    • ⤷ How does the 'Soft-Start' feature protect the circuit during power-up?
    • ⤷ What is the thermal resistance of the BKL package and how much heatsinking is required?