Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R3-GC1SSLASHCE

  • AI
    The **R3-GC1S/CE** is a specialized high-performance industrial wireless router (often categorized as a 4G/LTE IoT Gateway) designed for demanding industrial environments. Below is a breakdown of its primary electronic components and technical specifications. ### 1. Core Processing & Connectivity The "guts" of the device are centered around industrial-grade communication modules and processors designed for 24/7 operation. | Component | Specification / Detail | | :--- | :--- | | **Processor** | 32-bit Industrial-grade CPU (typically ARM-based) | | **Cellular Module** | 4G LTE Cat 4 (with 3G/2G fallback) | | **Frequency Bands** | Supports global or regional bands (B1/B3/B5/B7/B8/B20/B40) | | **SIM Slots** | Dual SIM (Standard Size) for failover and redundancy | --- ### 2. Interface and Physical Ports The electronic layout includes several physical interfaces to bridge the gap between legacy industrial hardware and modern internet networks. * **Ethernet Ports:** Typically features 2 x RJ45 ports (1 WAN/LAN, 1 LAN) supporting 10/100 Mbps. * **Serial Communication:** Integrated **RS232** and **RS485** terminals. These allow the router to communicate with PLCs (Programmable Logic Controllers) and RTUs. * **Digital I/O:** Includes Digital Input (DI) and Digital Output (DO) pins for remote monitoring and basic control (e.g., triggering a reset or sensing a door switch). --- ### 3. Power and Environmental Protection Industrial electronics require specific protection circuits that consumer-grade routers lack. * **Wide Voltage Input:** Supports **DC 9V to 36V** (standard 12V/24V industrial rails). * **Protection Circuits:** * **ESD Protection:** Protects internal chips from static electricity via the ports. * **EFT Protection:** Guards against electrical fast transients/bursts. * **Surge Protection:** Built-in protection against power spikes. * **Thermal Design:** Fanless metal casing acts as a heat sink, allowing operation from **-20°C to +70°C**. --- ### 4. RF (Radio Frequency) Components To ensure stable wireless signals in noisy environments (factories/warehouses), the device uses: 1. **SMA Antenna Connectors:** Standard threaded connectors for high-gain external antennas. 2. **MIMO Support:** Multiple Input Multiple Output technology on the LTE side to improve data throughput and link stability. ### Summary Table: Key Features | Feature | Description | | :--- | :--- | | **Watchdog Timer** | Hardware & Software watchdog to auto-reboot if the system freezes. | | **VPN Support** | Integrated encryption (IPsec, PPTP, L2TP, GRE, OpenVPN). | | **Mounting** | DIN-rail or wall-mount compatibility. | | **LED Indicators** | Visual status for Power, System, Signal Strength (3 bars), and LAN/WAN activity. |
    ✨ Follow-up Questions
    • ⤷ What are the specific Modbus protocols supported by this gateway?
    • ⤷ How does the dual-SIM failover mechanism prioritize network switching?
    • ⤷ Can this device be managed via a centralized cloud platform?