Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R3-NF3-R

  • AI
    The **R3-NF3-R** is a specific model of an **Industrial Ethernet Switch** (commonly part of the R-Series) designed for rugged environments, often used in automation, rail, or utility sectors. Below is a breakdown of its electronic components and functional architecture. --- ## 1. Core Electronic Components The device is composed of several specialized subsystems to ensure high availability and data integrity. | Component Category | Description | Key Function | | :--- | :--- | :--- | | **Processor/SoC** | High-performance networking ASIC or FPGA. | Handles Layer 2 switching, VLAN tagging, and packet filtering. | | **Ethernet Controller** | Integrated Physical Layer (PHY) chips. | Manages the electrical signals for Copper and Fiber interfaces. | | **Power Supply Unit (PSU)** | Wide-range DC-DC converters (typically 12-48V DC). | Provides redundant power inputs to prevent failure if one source drops. | | **Magnetic Isolation** | Ethernet Isolation Transformers. | Protects the internal circuitry from voltage spikes and ground loops. | | **Memory (RAM/Flash)** | SDRAM and Serial Flash. | Stores the firmware (OS), configuration files, and MAC address tables. | --- ## 2. Port Configuration and Connectivity The "NF3" designation typically refers to the specific port layout and fiber optic capabilities: * **Copper Ports (RJ45):** These utilize standard 10/100/1000Base-T(X) connectors with auto-negotiation and Auto-MDI/MDI-X support. * **Fiber Ports (SFP or Fixed):** The "F" in the model name usually denotes **Fiber**. These use optical transceivers to allow for long-distance data transmission (up to 20km-80km) immune to electromagnetic interference (EMI). * **Relay Output:** An internal electronic relay (form A or B) used for "Fault Alarms." It triggers if power is lost or a port link fails. --- ## 3. Ruggedization Features Because this part is designed for industrial use, the electronics include specific protections: ### Environmental Protection * **Passive Cooling:** No fans; uses the aluminum or steel chassis as a heat sink to prevent dust intake. * **Conformal Coating (Optional):** A thin polymer film applied to the PCB to protect against moisture and contaminants. ### Circuit Protection 1. **ESD Protection:** 6kV to 8kV protection on all ports to prevent damage from static discharge. 2. **Surge Protection:** Built-in TVS (Transient Voltage Suppressors) on the power input lines. 3. **Reverse Polarity Protection:** Ensures the device isn't damaged if the DC power leads are connected backward. --- ## 4. Logical Functionality The internal firmware manages the electronic flow via several protocols: * **Redundancy:** Supports **ERPS** (Ethernet Ring Protection Switching) or **STP/RSTP** to ensure that if one cable is cut, the electronics reroute data in milliseconds. * **QoS (Quality of Service):** Prioritizes critical industrial traffic (like PLC signals) over standard data.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the R3-NF3-R power supply?
    • ⤷ Does this model support Power over Ethernet (PoE) on its RJ45 ports?
    • ⤷ What is the operating temperature range for the R3-NF3-R industrial switch?