Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R33LD10-TF4-R

  • AI
    ## Analysis of the R33LD10-TF4-R Electronic Component The **R33LD10-TF4-R** is a specific low-dropout (LDO) linear voltage regulator. It is designed to provide a stable, constant output voltage from a higher, fluctuating input voltage with minimal power loss. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the **UTC (Unisonic Technologies)** part numbering system, here are the primary specifications: | Feature | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Max Output Current** | 1.0 A | | **Type** | Low Dropout (LDO) Linear Regulator | | **Package Type** | TO-252 (DPAK) | | **Pin Count** | 3 Pins (typically Vin, Vout, Ground) | | **Accuracy** | ±2% | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps in identifying its characteristics: * **R33**: Indicates the output voltage. In this case, **3.3V**. * **LD**: Stands for **Low Dropout**. This means the device can maintain a steady 3.3V output even when the input voltage is only slightly higher than 3.3V. * **10**: Indicates the maximum current capability, which is **1.0 Ampere**. * **TF4**: Refers to the physical **Package Code**. TF4 usually corresponds to a **TO-252** (also known as DPAK) surface-mount package. * **R**: Indicates the packing method, typically meaning **Tape and Reel** for automated assembly. --- ### 3. Functional Features * **Low Quiescent Current:** It draws very little power for its own operation, making it suitable for battery-powered devices. * **Protection Circuitry:** Generally includes internal thermal overload protection and current limiting to prevent damage during a short circuit or overheating. * **Stability:** Requires external capacitors (usually tantalum or electrolytic) on the input and output pins to maintain stability and filter noise. --- ### 4. Typical Applications The R33LD10 is commonly found in circuits where a clean, steady 3.3V rail is required to power microcontrollers, sensors, or communication modules. 1. **Consumer Electronics:** TV mainboards, monitors, and set-top boxes. 2. **Computer Peripherals:** Used in routers, modems, and hard drive controllers. 3. **Industrial:** Powering 3.3V logic circuits from a 5V or 12V supply. --- ### 5. Pin Configuration (TO-252) While you should always consult the official datasheet, the standard pinout for this package is: ```text Pin 1: Input (Vin) Pin 2: Ground (GND) - Often connected to the large metal tab Pin 3: Output (Vout) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage allowed for the R33LD10-TF4-R?
    • ⤷ What are the recommended capacitor values for the input and output pins?
    • ⤷ Can this part be substituted with a 1117-3.3 regulator?