Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R5-RSA2S

  • AI
    The **R5-RSA2S** is an expansion module primarily used with R5-series industrial automation systems (often associated with brands like LS Electric or similar PLC architectures). It is a **Serial Communication Module** designed to bridge the controller with external devices. --- ## 1. Core Technical Specifications The "RSA2S" designation typically refers to a dual-channel RS-232C configuration. | Feature | Specification | | :--- | :--- | | **Communication Type** | RS-232C | | **Number of Channels** | 2 Channels | | **Connector Type** | 9-pin D-sub (Male) or Terminal Block (depending on sub-version) | | **Baud Rate** | 1,200 to 115,200 bps | | **Protocol Support** | Modbus RTU/ASCII, Dedicated protocols, User-defined | | **Isolation** | Photo-coupler isolation between internal logic and comms | --- ## 2. Key Electronic Components The internal circuitry of the R5-RSA2S consists of several critical stages to ensure industrial-grade reliability: ### A. Transceiver ICs * **Function:** Converts the logic-level signals (TTL/CMOS) from the module's processor into RS-232 voltage levels (+/- 12V). * **Common Part:** Often utilizes standard chips like the **MAX232** or industrial equivalents that handle voltage inversion. ### B. Optical Isolation (Opto-couplers) * **Function:** Protects the main PLC backplane from high-voltage spikes or ground loops occurring on the serial line. * **Mechanism:** Signals are converted to light and back to electricity, ensuring no direct electrical path exists between the field device and the CPU. ### C. DC-DC Converters * **Function:** Since RS-232 requires bipolar voltages (positive and negative), the module includes small DC-DC switching regulators to generate these levels from the standard 5V or 24V PLC power supply. ### D. Signal Buffers and UART * **UART (Universal Asynchronous Receiver-Transmitter):** The "brain" of the communication, handling data framing (start/stop bits, parity). * **Buffers:** Temporary memory (FIFO) to store incoming/outgoing data to prevent data loss during high-speed transmission. --- ## 3. Pinout and Connection (RS-232C) The RS-232 interface typically follows the standard DB9 configuration for data exchange: | Pin No. | Signal | Description | | :--- | :--- | :--- | | 2 | **RXD** | Receive Data | | 3 | **TXD** | Transmit Data | | 5 | **SG** | Signal Ground | | 7 | **RTS** | Request to Send (Hardware Flow Control) | | 8 | **CTS** | Clear to Send (Hardware Flow Control) | --- ## 4. Typical Applications 1. **HMI Connection:** Linking the PLC to a touch panel. 2. **Barcode Scanners:** Reading serial data from industrial scanners. 3. **Printers:** Sending log data or labels to thermal printers. 4. **Legacy Sensors:** Interfacing with older weight scales or specialized laboratory equipment that lacks Ethernet.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between RS-232 and RS-485 in R5 modules?
    • ⤷ How do I configure the baud rate for the R5-RSA2S in the software?
    • ⤷ Does this module support full-duplex communication?