Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R6210..

  • AI
    The term **R6210** primarily refers to the **Netgear AC1200 Smart Wi-Fi Router**. From an electronics perspective, this device is a sophisticated integration of networking processors, radio frequency (RF) components, and memory modules designed to handle dual-band wireless traffic. --- ### 1. Core Component Architecture The R6210 is built on a **MediaTek** chipset architecture. Below are the primary electronic components found on the PCB (Printed Circuit Board): | Component Type | Part Number/Spec | Function | | :--- | :--- | :--- | | **Main CPU** | MediaTek MT7621ST | 880MHz Dual-Core processor; manages data routing and system logic. | | **RAM (Memory)** | 128MB DDR3 | Volatile memory for active processes and routing tables. | | **Flash Memory** | 128MB NAND | Non-volatile storage for the firmware (OS) and settings. | | **Wi-Fi Chip (5GHz)** | MediaTek MT7612E | Handles 802.11ac high-speed wireless transmission (up to 867 Mbps). | | **Wi-Fi Chip (2.4GHz)** | MediaTek MT7603E | Handles 802.11n wireless transmission (up to 300 Mbps). | --- ### 2. Key Hardware Features The electronic design incorporates several subsystems to ensure stability and performance: * **Ethernet Switch:** The MT7621 chipset includes an integrated Gigabit Ethernet switch, providing 1 WAN and 4 LAN ports. * **Voltage Regulators:** Small DC-to-DC step-down converters (Buck converters) that transition the 12V DC input down to 3.3V, 1.8V, and 1.1V for various logic chips. * **RF Front End:** Includes power amplifiers (PA) to boost the signal for transmission and low-noise amplifiers (LNA) to improve the reception of weak signals from distant devices. * **USB 2.0 Controller:** Managed by the CPU to allow for network-attached storage (NAS) or printer sharing. --- ### 3. Connection Interfaces Technicians or hobbyists looking at the board will typically find: 1. **UART Header:** Small pins (often unpopulated) used for serial console access to debug the Linux-based firmware. 2. **Antenna U.FL Connectors:** Small RF connectors that link the Wi-Fi chips to the external high-gain antennas. 3. **Electrolytic Capacitors:** Used for power filtering to prevent voltage ripples from crashing the CPU. --- ### 4. Technical Summary ```json { "device": "Netgear R6210", "architecture": "MIPS 1004Kc", "throughput": "1200 Mbps (Combined)", "ethernet": "10/100/1000 Mbps", "usb": "1x USB 2.0" } ```
    ✨ Follow-up Questions
    • ⤷ How can I access the serial UART pins on the R6210 for firmware recovery?
    • ⤷ Is it possible to upgrade the RAM or Flash memory on this specific router hardware?
    • ⤷ Which third-party firmwares like OpenWrt are compatible with the MT7621 chipset?