Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R7D-DC16B-R

  • AI
    The **R7D-DC16B-R** is a specific input/output terminal block module, primarily associated with **OMRON’s SmartSlice I/O system** used in industrial automation. This device acts as an interface between field sensors and a PLC (Programmable Logic Controller). --- ## Technical Specifications The "DC16B" designation typically indicates a high-density 16-point DC input module. | Feature | Specification | | :--- | :--- | | **Model Number** | R7D-DC16B-R | | **Input Type** | DC Input (NPN/PNP compatible depending on wiring) | | **Number of Points** | 16 Digital Inputs | | **Rated Voltage** | 24 VDC | | **Connection Method** | Removable Screwless Clamp (Push-In) | | **Communication** | DeviceNet / CompoNet (Interface specific) | | **Internal Logic** | Photocoupler Isolation | --- ## Key Electronic Components & Internal Design ### 1. Photocouplers (Optoisolators) To protect the internal CPU of the PLC from high-voltage spikes or noise on the factory floor, the R7D-DC16B-R uses **Photocouplers**. - They convert the incoming electrical signal into light and back to electricity. - This provides **Galvanic Isolation**, ensuring a short circuit in a sensor doesn't fry the controller. ### 2. LED Status Indicators The module features a bank of 16 LEDs on the front panel. - **Function:** Provides immediate visual diagnostics. - **Logic:** When an input signal (24V) is detected, the corresponding LED illuminates. ### 3. Current Limiting Resistors Each of the 16 input channels contains internal resistors designed to limit the current drawn from the sensors, typically maintaining the input current around **3mA to 5mA per point**. ### 4. Input Filter Circuit (Debouncing) Industrial environments are electrically "noisy." The module includes a digital filter (hardware and firmware based) to prevent "contact bounce" or EMI (Electromagnetic Interference) from being interpreted as a false signal. --- ## Wiring & Terminal Configuration The **"-R"** suffix often denotes a specific terminal arrangement or a "Remote" I/O classification within the Omron ecosystem. ### Connection Diagram Overview 1. **V+ / V-**: Power supply for the module (24V DC). 2. **00 - 15**: Individual signal input terminals for sensors (Limit switches, Proximity sensors, etc.). 3. **COM**: Common terminal used to complete the circuit. --- ## Usage Precautions * **Polarity:** Ensure the 24V DC polarity is correct; reversing it can damage the internal protective diodes. * **Wire Gauge:** Use the recommended wire size (typically 20-24 AWG) for the push-in terminals to ensure a secure vibration-proof connection. * **Environment:** Ensure the ambient temperature stays within the -10°C to 55°C range for optimal component lifespan.
    ✨ Follow-up Questions
    • ⤷ How do I wire this module for NPN versus PNP sensors?
    • ⤷ What are the specific communication protocols supported by the R7D series?
    • ⤷ How do I troubleshoot an 'Input Not Detected' error on point 04?