Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R7D-YS2-R

  • AI
    The **R7D-YS2-R** is a specific electronic component within the **OMRON OMNUC G5 Series** of AC Servo Drives. It is designed to work in conjunction with high-performance rotary servo motors to provide precise motion control. --- ## 1. Core Technical Specifications The part number defines the electrical characteristics and physical form factor of the drive: | Feature | Specification | | :--- | :--- | | **Product Type** | AC Servo Drive (G5 Series) | | **Input Voltage** | Single-phase 200 to 240 VAC | | **Output Power** | 200 Watts | | **Supported Motor** | R88M-K (Rotary Servo Motors) | | **Communication** | Pulse Train and Analog Input | --- ## 2. Key Electronic Components & Interfaces The internal and external electronic architecture of the R7D-YS2-R is built for high-speed response and safety. ### A. Power Circuitry * **Rectifier Section:** Converts the AC input voltage to DC. * **Inverter Section:** Uses IGBTs (Insulated Gate Bipolar Transistors) to pulse-width modulate (PWM) the DC voltage back into a variable frequency/voltage AC output for the motor. * **Regenerative Circuit:** Manages the energy returned to the drive when the motor decelerates, preventing overvoltage. ### B. Control Logic & Feedback * **Encoder Interface:** Connects to the motor's absolute or incremental encoder to provide real-time position and speed feedback. * **Pulse Train Input:** Allows a PLC (Programmable Logic Controller) to send position commands via high-speed pulses. * **Digital I/O:** Includes dedicated terminals for: * **Forward/Reverse Drive Prohibited (Limit switches)** * **Origin Proximity Input** * **External Latch Signals** ### C. Safety and Protection * **Built-in Protection:** Overcurrent, Overvoltage, Undervoltage, and Overload protection. * **Safety Features:** Often includes a "Safe Torque Off" (STO) function to ensure the motor cannot generate torque in an emergency. --- ## 3. Wiring and Connection Layout The unit features several distinct electronic connection blocks: 1. **Main Power Connector (L1, L3):** Input for the 200V AC power source. 2. **Motor Power Connector (U, V, W):** Output to the servo motor coils. 3. **Control Connector (CN1):** 50-pin or similar interface for I/O signals and pulse commands. 4. **Encoder Connector (CN2):** Dedicated high-speed feedback channel. 5. **USB/Serial Port:** For connection to Omron's *CX-Drive* software for tuning and parameter configuration. --- ## 4. Part Number Breakdown: R7D-YS2-R To understand the specific electronic variant, see the breakdown below: * **R7D:** Series identifier (OMNUC G-Series). * **Y:** General-purpose type (Pulse/Analog). * **S:** Single-phase power supply. * **2:** 200W capacity. * **R:** Revision or specialized feature indicator.
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor models for the R7D-YS2-R?
    • ⤷ How do I configure the pulse input parameters using CX-Drive software?
    • ⤷ What is the difference between the R7D-YS2 and the R7D-BP models?