Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R7FN-DAC16A-R

  • AI
    The **R7FN-DAC16A-R** is a specific remote I/O terminal block manufactured by **M-System** (now often branded under MG CO., LTD). This device belongs to the **R7 Series** and is designed to interface with **Mechatrolink-I/II** networks. --- ### ## 1. Technical Specifications The model name can be broken down to understand its core electronic components: | Feature | Specification | | :--- | :--- | | **Series** | R7FN (Mechatrolink-I/II compatible) | | **Output Type** | Discrete/Digital Output | | **Output Points** | 16 Points | | **Connection Type** | NPN Transistor (Sink type) | | **Rated Load Voltage** | 24V DC | | **Max. Output Current** | 0.25A per point | | **Isolation** | Optical isolation between internal circuit and output | --- ### ## 2. Core Electronic Components & Functions To understand how the R7FN-DAC16A-R operates, we can look at its internal electronic architecture: #### ### A. Network Interface (Mechatrolink) * **Communication Chip:** Contains a dedicated Mechatrolink controller IC that handles high-speed synchronized communication with the Master PLC or Motion Controller. * **Physical Layer:** Uses a shielded twisted pair connection via specialized Mechatrolink connectors. #### ### B. Logic & Processing * **Microprocessor:** Manages the protocol stack, monitors internal diagnostics (like supply voltage), and controls the state of the 16 output channels. * **Status LEDs:** Small Surface Mount (SMD) LEDs provide visual feedback for: * **PWR:** Power status. * **RUN:** Communication status. * **ERR:** Hardware or communication errors. #### ### C. Output Stage (The "DAC" part) Despite the "DAC" in the name often implying Digital-to-Analog, in this specific M-System nomenclature for the R7 series, it refers to **Discrete Output (Transistor)**. * **Optocouplers:** Provide galvanic isolation to protect the sensitive internal logic from electrical noise and surges on the 24V field side. * **Transistor Arrays:** High-speed switching transistors (NPN) that act as the physical switches for the 16 output points. --- ### ## 3. Connection Diagram Overview The wiring is typically handled through a two-piece terminal block. ```text [ Internal Logic ] -- [ Opto-Isolator ] -- [ NPN Transistor ] -- [ External Load ] | [ +24V DC Source ] ``` ### ## 4. Safety and Protection * **Short-Circuit Protection:** The device usually includes internal fusing or current-limiting per common group. * **Noise Filtering:** Includes capacitors and inductors to filter out electromagnetic interference (EMI) typical in industrial environments. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP output in this series?
    • ⤷ How is the Mechatrolink station address configured on this unit?
    • ⤷ What is the maximum power consumption of the R7FN-DAC16A-R?