Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R7ML-DA16-R/F2K

  • AI
    The **R7ML-DA16-R/F2K** is a specific model within the OMRON R7ML series of remote I/O terminals. These devices are used in industrial automation to interface between a controller (PLC) and field devices via a network protocol (typically Mechatrolink-II). --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Model Type** | Remote I/O Terminal (Expansion Unit) | | **Input/Output Type** | Digital Output | | **Number of Points** | 16 Points | | **Output Method** | Relay Outputs | | **Network Protocol** | Mechatrolink-II | | **Rated Voltage** | 24 VDC | | **Contact Capacity** | 2A at 250 VAC / 2A at 30 VDC | | **Terminal Type** | Two-tier terminal block (M3 screws) | --- ## 2. Key Electronic Components & Subsystems ### A. Relay Output Stage The "R" in the model name indicates **Relay** outputs. Unlike transistor outputs, these use physical electromagnetic switches. * **Isolation:** Provides complete galvanic isolation between the internal logic circuit and the external load. * **Capacity:** Each point is typically rated for 2 Amps, allowing it to drive small motors, solenoids, or contactors directly. ### B. Mechatrolink-II Communication Interface The device acts as a "slave" on a high-speed fieldbus. * **ASIC/Controller:** Contains a dedicated communication chip to handle the Mechatrolink-II protocol stack. * **Node Addressing:** Includes rotary switches on the front panel to set the unique station address on the network. ### C. Internal Power Circuitry * **Logic Power:** Draws 24 VDC to power the internal microprocessors and communication circuitry. * **Coil Power:** Uses the input power to energize the relay coils when an "ON" signal is received from the master PLC. ### D. Diagnostic Indicators (LEDs) * **PWR:** Indicates internal 24V power status. * **COMM:** Indicates active communication with the Mechatrolink master. * **ERR:** Lights up during hardware or communication timeouts. * **I/O Status:** Individual LEDs for each of the 16 channels to show which relays are energized. --- ## 3. Wiring Configuration To use this part effectively, the electronic wiring must be split into three sections: 1. **Network Wiring:** Shielded twisted-pair cables connected to the Mechatrolink ports. 2. **Unit Power:** 24V DC supply to the power terminals. 3. **Load Wiring:** The common (COM) line and the individual output lines (00-15) connected to the relay terminals. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the relay (R) and transistor (T) versions of this I/O module?
    • ⤷ How do you configure the node address on the R7ML-DA16 using the hardware switches?
    • ⤷ What is the maximum switching frequency recommended for the relay outputs in this unit?