Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R7ML-DC16A-R

  • AI
    The **R7ML-DC16A-R** is a specific remote I/O terminal model manufactured by **M-System** (now often branded under MG CO., LTD). This device belongs to the R7ML series, which is designed for compact, high-speed data acquisition using the **MECHATROLINK-I/II** communication protocol. --- ## 1. Technical Specifications The following table highlights the core electronic characteristics of the unit: | Feature | Specification | | :--- | :--- | | **Model Number** | R7ML-DC16A-R | | **Input Type** | Discrete Input (DC) | | **Number of Points** | 16 Points | | **Communication Protocol** | MECHATROLINK-I / II | | **Input Logic** | PNP/NPN (Mixed use possible) | | **Rated Input Voltage** | 24V DC | | **Isolation** | Input to communication to power | | **Mounting** | DIN Rail or Surface Mount | --- ## 2. Key Electronic Components & Interfaces ### A. Discrete Inputs (Electronic Interface) The unit features 16 digital input channels. - **Voltage levels:** It typically operates at 24V DC. - **Current consumption:** Each input usually draws approximately 5mA. - **Circuit Protection:** The inputs are optically isolated to protect the internal logic from high-voltage spikes or ground loops on the field side. ### B. Communication Interface (MECHATROLINK) The "ML" in the part number signifies MECHATROLINK compatibility. - This is a high-speed fieldbus used primarily in motion control. - It allows for synchronized control between the PLC/Motion Controller and the I/O terminal. - It utilizes a specialized shielded twisted pair cable. ### C. Power Supply Section - **External Power:** Requires a 24V DC power source. - **Internal Regulation:** Contains internal DC-DC converters to step down the voltage for the internal microprocessors and communication chips. --- ## 3. Terminal Wiring Layout The front of the device typically utilizes a tension-clamp or screw terminal block for field wiring: 1. **V+ / G:** Power supply input for the device logic. 2. **I0 to I15:** The 16 individual signal input terminals. 3. **COM:** The common terminal for the input signals. 4. **Communication Ports:** Specific MECHATROLINK connectors (usually located on the side or bottom). --- ## 4. Status Indicators (LEDs) The R7ML-DC16A-R includes diagnostic LEDs to monitor electronic health: * **PWR:** Green LED indicating internal power status. * **RUN:** Indicates the status of the MECHATROLINK communication. * **ERR:** Red LED indicating hardware or communication errors. * **Input LEDs:** Small indicators for each of the 16 channels to show if the signal is "High" or "Low".
    ✨ Follow-up Questions
    • ⤷ What is the difference between MECHATROLINK-I and MECHATROLINK-II in this device?
    • ⤷ How do you configure the station address for the R7ML-DC16A-R?
    • ⤷ Can this unit be used with NPN and PNP sensors simultaneously?