Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • R8-NEIP-R/Q

  • AI
    Based on the model number provided, the **R8-NEIP-R/Q** refers to a specific configuration of the **R8 Series Remote I/O** system manufactured by **M-System** (now often branded as MG CO., LTD). This specific unit is a **Network Module** designed for **EtherNet/IP** communication. --- ### 1. Key Electronic Specifications The R8-NEIP-R/Q acts as the "brain" or gateway for a slice-type I/O system. It manages communication between a PLC (Programmable Logic Controller) and various I/O modules. | Feature | Specification | | :--- | :--- | | **Communication Protocol** | EtherNet/IP (Conformance tested) | | **Transmission Speed** | 10 / 100 Mbps (Auto-negotiation) | | **I/O Capacity** | Up to 128 bytes (Input/Output respectively) | | **Power Input** | 24V DC (±10%) | | **Internal Bus Current** | Max 1.2A (Supports power to attached I/O slices) | | **Status Indicators** | LEDs for PWR, RUN, ERR, LINK/ACT, NS, MS | --- ### 2. Physical and Interface Components The unit is composed of several critical electronic interfaces to ensure industrial-grade reliability: * **Dual RJ-45 Connectors:** Built-in Ethernet switch allows for "Daisy Chain" (line) topology, reducing the need for external switches. * **Rotary Switches:** Located under the front cover, these are used to set the IP address manually (e.g., the last octet) or to enable DHCP/BootP modes. * **Internal Bus Connector:** A high-speed backplane connector that provides power and data synchronization to the I/O modules (Digital, Analog, Thermocouple) snapped to its right side. * **Config Port:** Usually a mini-USB or specialized port for local configuration via PC software. --- ### 3. Meaning of the Suffixes The model string breaks down into specific hardware choices: * **R8:** The series designation (Ultra-slim, slice-type I/O). * **NEIP:** Identification for **EtherNet/IP** protocol. * **-R:** Indicates the power input type (typically **24V DC**). * **/Q:** This is an "Option" suffix. In M-System nomenclature, **/Q** usually indicates a **special specification** or **quality control requirement** (such as specific coating, testing, or labeling requirements). --- ### 4. Circuit Protection & Isolation To operate in harsh industrial environments, the electronics include: * **Isolation:** 1500V AC isolation between Ethernet, Power, and Internal Bus. * **Noise Immunity:** Compliant with EMC standards to prevent data corruption from nearby motors or high-voltage lines. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum number of I/O modules that can be connected to the R8-NEIP?
    • ⤷ How do I configure the IP address if the rotary switches are not used?
    • ⤷ What does the /Q option specifically signify regarding environmental coating?