Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RA-03-R

  • AI
    ## Overview of the RA-03-R Module The **RA-03-R** is a compact, high-performance LoRa (Long Range) transceiver module developed by Ai-Thinker. It is built upon the **SX1262** radio chip, which offers significant improvements in power consumption and sensitivity compared to older generations like the SX1278. --- ### 1. Key Technical Specifications The RA-03-R is designed for low-power, long-distance communication in the Sub-GHz band. | Parameter | Specification | | :--- | :--- | | **Chipset** | Semtech SX1262 | | **Frequency Range** | 410MHz ~ 525MHz (standard 433MHz) | | **Modulation** | LoRa, FSK, GFSK, OOK | | **Operating Voltage** | 2.7V ~ 3.7V (Typical 3.3V) | | **Transmit Power** | Up to +22 dBm | | **Sensitivity** | -148 dBm (@BW=10.4kHz, SF=12) | | **Interface** | SPI | | **Package** | SMD-22 | --- ### 2. Major Electronic Components The internal circuitry of the RA-03-R consists of several critical stages that manage the radio frequency (RF) signal and power: #### A. The Transceiver (SX1262) This is the "brain" of the RF module. Unlike older LoRa chips, it includes a high-efficiency **integrated DC-DC converter** (buck converter) and an LDO, allowing for extremely low power consumption during receive (RX) modes. #### B. Crystal Oscillator (TCXO) Most RA-03-R variants use a **Temperature Compensated Crystal Oscillator (TCXO)**. This is crucial for: * Frequency stability over wide temperature ranges. * Reliable communication at narrow bandwidths (high sensitivity). #### C. RF Front-End (Matching & Filtering) * **LC Matching Circuit:** Inductors and capacitors tuned to 433MHz ensure maximum power transfer to the antenna and minimize signal reflection. * **Harmonic Filter:** A low-pass filter (LPF) is usually present to suppress high-frequency noise and comply with radio regulations (like CE/FCC). #### D. RF Switch An integrated RF switch handles the routing between the Transmit (TX) and Receive (RX) paths to a single antenna pin. --- ### 3. Pin Configuration (Electronic Interface) The module uses the **SMD-22** form factor. The most important pins for electronic integration are: | Pin Name | Type | Description | | :--- | :--- | :--- | | **3.3V / GND** | Power | Main power supply pins. | | **MISO/MOSI/SCK** | Input/Output | SPI bus for data transfer and configuration. | | **NSS** | Input | SPI Chip Select. | | **RESET** | Input | External hardware reset. | | **DIO1** | Output | Configurable interrupt (usually for "Packet Received" or "TX Done"). | | **BUSY** | Output | Status indicator; the MCU must wait if BUSY is high before sending SPI commands. | | **ANT** | RF | The 50-ohm antenna output terminal. | --- ### 4. Application Considerations * **Antenna:** The module requires a 50Ω antenna. Using a mismatched antenna or no antenna during transmission can damage the RF switch or the SX1262 chip. * **Level Shifting:** If using a 5V microcontroller (like an Arduino Uno), you **must** use a level shifter on the SPI lines, as the RA-03-R is not 5V tolerant. * **Power Supply:** During +22dBm transmission, the module can draw up to 120mA. Ensure your power regulator can handle these bursts without voltage drops.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the RA-01 (SX1278) and the RA-03-R (SX1262)?
    • ⤷ How do I configure the DIO1 pin for interrupts in a LoRaWAN application?
    • ⤷ Does the RA-03-R require a specific library for use with an ESP32 or Arduino?