Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RA32E1-RUT-FR

  • AI
    ## Analysis of the RA32E1-RUT-FR The **RA32E1-RUT-FR** is an electronic component part of the **RA32E1 series**, typically categorized as a precision thin-film chip resistor array. These components are designed for high-density surface mount applications where space-saving and high reliability are required. --- ### 1. General Specifications Resistor arrays like the RA32E1 series combine multiple resistive elements into a single package. This reduces the number of placement operations during PCB assembly. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Resistor Array | | **Number of Resistors** | 4 Resistors (Standard for "E1" suffix) | | **Configuration** | Isolated (Individual resistors, not bussed) | | **Package Size** | 1206 (Metric 3216) equivalent for the array | | **Tolerance** | $\pm 0.1\%$ to $\pm 1\%$ (Depending on specific RUT variant) | | **Temperature Coefficient** | $\pm 25$ ppm/°C to $\pm 100$ ppm/°C | --- ### 2. Breakdown of the Part Number While specific manufacturer codes (such as those from Susumu or KOA Speer) vary slightly, the nomenclature generally follows this logic: * **RA**: Resistor Array. * **32**: Physical size code (3.2mm length). * **E1**: Indicates the internal circuit pattern (usually 4 elements, 8 terminals). * **RUT**: Specific series designation (often indicating "High Precision" or "Low Noise" thin film). * **FR**: Tape and Reel packaging / RoHS Compliance (F) and Resistance Tolerance (R). --- ### 3. Key Electronic Characteristics The RA32E1-RUT-FR utilizes **Thin Film technology**, which provides significant advantages over standard Thick Film resistors: 1. **Precision and Stability**: Excellent long-term stability and very low tolerance levels, making them ideal for voltage dividers. 2. **Low Noise**: Lower thermal noise (Johnson noise) compared to thick film, essential for audio and high-precision instrumentation. 3. **Matching**: Since the resistors are manufactured on the same substrate at the same time, they offer excellent **TC Tracking** (their resistance changes in unison as temperature changes), ensuring the ratio between resistors remains constant. --- ### 4. Typical Applications * **Instrumentation**: Differential amplifier gain setting. * **Communication**: Signal conditioning and termination. * **Medical Electronics**: Precision sensing circuits. * **Industrial Controls**: Voltage regulation and feedback loops. ---
    ✨ Follow-up Questions
    • ⤷ What is the power rating per element for the RA32E1 series?
    • ⤷ How does the TC Tracking of this array compare to using discrete resistors?
    • ⤷ What are the specific dimensions of the 32E1 package?