Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RAL035P01

  • AI
    The **RAL035P01** is a P-channel MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by ROHM Semiconductor. It is designed for high-speed switching and low voltage drive applications, typically found in power management circuits of portable electronics. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the RAL035P01: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -12 V | | **Continuous Drain Current** | $I_D$ | -3.5 A | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$ 10 V | | **Power Dissipation** | $P_D$ | 1.0 W | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 43 mΩ (at $V_{GS}$ = -4.5V) | | **Operating Junction Temp** | $T_j$ | 150 °C | --- ### 2. Physical Characteristics and Packaging * **Package Type:** TSMT3 (similar to SOT-23 but lower profile). * **Lead Finish:** Lead-free (RoHS Compliant). * **Size:** Compact footprint suitable for high-density surface mount designs. ### 3. Key Features 1. **Low On-Resistance:** The low $R_{DS(on)}$ minimizes power loss during the "ON" state, which is critical for battery-powered devices. 2. **Low Voltage Drive:** It can be fully driven by a gate voltage as low as 1.5V or 1.8V, making it compatible with modern low-voltage microcontrollers. 3. **High Speed:** Optimized for rapid switching transitions. --- ### 4. Common Applications The RAL035P01 is generally used in the following scenarios: * **Load Switches:** Turning power rails on/off within a system. * **DC/DC Converters:** Serving as a switching element in buck or boost regulators. * **Battery Management:** Protection circuits and charging paths for Li-ion batteries. * **Portable Hardware:** Used in smartphones, tablets, and wearable tech due to its small form factor. --- ### 5. Pin Configuration (TSMT3) | Pin Number | Terminal Name | Description | | :--- | :--- | :--- | | 1 | **Gate** | Controls the state of the MOSFET | | 2 | **Source** | Input voltage (typically connected to positive rail in P-channel) | | 3 | **Drain** | Output to the load |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the RAL035P01?
    • ⤷ How does a P-channel MOSFET differ from an N-channel in a switching circuit?
    • ⤷ What is the maximum gate-source threshold voltage for this component?