Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RAR-10-R-

  • AI
    The **RAR-10-R** typically refers to a specific type of **Rotary Potentiometer** or **Encoder component**, often utilized in consumer electronics, audio equipment, and industrial control panels. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications Most components under this series (commonly manufactured by brands like Alpha or generic electronic suppliers) share these core parameters: | Parameter | Specification | | :--- | :--- | | **Type** | Rotary Action (Potentiometer/Encoder) | | **Resistance Value** | Commonly 10k Ohms (indicated by the "10") | | **Taper** | Linear (Standard for R-series) | | **Tolerance** | ±20% | | **Power Rating** | 0.05W to 0.1W | | **Rotation Angle** | 300° ± 5° | | **Life Cycle** | 10,000 to 15,000 cycles | --- ### 2. Key Physical Components The RAR-10-R is designed for **Through-Hole Technology (THT)** mounting on a Printed Circuit Board (PCB). * **Carbon Element:** The internal resistive track that the wiper slides across to change resistance. * **Wiper:** The moving contact connected to the center pin. * **Actuator/Shaft:** Usually a "knurled" or "flatted" plastic/metal shaft for attaching a knob. * **Terminals:** Three pins—two for the outer track and one for the adjustable output (wiper). --- ### 3. Connection Diagram In a standard 3-pin configuration, the electronic behavior is as follows: ```markdown Pin 1: Input Voltage (Vcc) Pin 2: Output Voltage (Variable Signal / Wiper) Pin 3: Ground (GND) ``` --- ### 4. Common Applications * **Audio Equipment:** Volume control, gain adjustment, or EQ frequency tuning. * **Microcontroller Inputs:** Used as a variable voltage divider for Arduino or ESP32 analog pins. * **Lighting Dimmer:** Adjusting the intensity of LED drivers or small DC lamps. * **User Interface:** Selection menus on 3D printers or industrial thermostats. --- ### 5. Identification Logic * **RAR:** Series prefix (often identifying the physical form factor/mounting style). * **10:** Base resistance value (usually 10k $\Omega$ or 10mm size depending on manufacturer context). * **R:** Indicates the orientation (Right-angle mount) or RoHS compliance depending on the specific datasheet.
    ✨ Follow-up Questions
    • ⤷ What is the pin spacing (pitch) for the RAR-10-R on a PCB?
    • ⤷ Can this part be used as a rheostat instead of a potentiometer?
    • ⤷ What are the differences between the linear and logarithmic versions of this part?