Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RB520S30-CC2-R

  • AI
    ## Overview of RB520S30-CC2-R The **RB520S30-CC2-R** is a high-performance **Schottky Barrier Diode** primarily used for rectification and switching in compact electronic circuits. It is designed to provide low forward voltage drops and fast switching speeds, making it ideal for battery-powered devices. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the RB520S30-CC2-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Reverse Voltage** | $V_{RM}$ | 30 | Volts (V) | | **DC Reverse Voltage** | $V_R$ | 30 | Volts (V) | | **Mean Rectifying Current** | $I_O$ | 200 | Milliamps (mA) | | **Peak Forward Surge Current** | $I_{FSM}$ | 1.0 | Amps (A) | | **Forward Voltage (Max)** | $V_F$ | 0.60 (@ 200mA) | Volts (V) | | **Reverse Current (Max)** | $I_R$ | 1.0 (@ 30V) | Microamps (µA) | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Physical and Packaging Details The "CC2" suffix generally refers to the specific package type, which is usually the **SOD-523** (also known as SC-79). * **Package Type:** SOD-523 (Small Outline Diode). * **Dimensions:** Extremely small footprint (approx. 1.2 x 0.8 mm). * **Mounting Type:** Surface Mount Device (SMD). * **Lead Finish:** Lead-free (RoHS Compliant). --- ### 3. Functional Applications Due to its low power loss and high efficiency, this diode is commonly found in: 1. **Mobile Devices:** Cell phones and tablets for power management. 2. **Reverse Polarity Protection:** Protecting sensitive circuits from battery insertion errors. 3. **High-Speed Switching:** Used in signal logic and high-frequency rectification. 4. **Voltage Clamping:** Preventing voltage spikes from damaging components. --- ### 4. Advantages & Limitations #### Advantages * **Low $V_F$:** Minimizes power dissipation, extending battery life. * **Ultra-Small Size:** Saves significant PCB (Printed Circuit Board) real estate. * **High Reliability:** Stable performance across a wide temperature range. #### Limitations * **Low Current:** Limited to 200mA; not suitable for high-power rectification. * **Reverse Leakage:** Like all Schottky diodes, it has higher reverse leakage current compared to standard silicon diodes, especially at high temperatures. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the RB520S30-CC2-R?
    • ⤷ How does the forward voltage drop of this Schottky diode compare to a standard 1N4148 diode?
    • ⤷ Can this diode be used in high-frequency RF applications above 1GHz?