Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RB751V40L-CB2-R

  • AI
    The **RB751V40L-CB2-R** is a specific surface-mount Schottky Barrier Diode. It is widely used in high-speed switching and low-voltage rectification applications due to its efficiency and compact footprint. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Reverse Voltage** | $V_{RM}$ | 40 | Volts (V) | | **DC Reverse Voltage** | $V_R$ | 30 | Volts (V) | | **Mean Rectified Current** | $I_O$ | 30 | Milliamps (mA) | | **Peak Forward Surge Current** | $I_{FSM}$ | 200 | Milliamps (mA) | | **Forward Voltage (at 1mA)** | $V_F$ | 0.37 (Max) | Volts (V) | | **Reverse Current (at 25V)** | $I_R$ | 0.5 (Max) | Microamps (µA) | --- ### 2. Physical & Package Details * **Package Type:** Usually comes in a **SOD-523** or similar ultra-small plastic mold package. * **Mounting Type:** Surface Mount Device (SMD). * **Polarity:** The cathode is typically indicated by a bar/band on the body of the part. * **Lead Finish:** Lead-free (RoHS compliant). --- ### 3. Core Features 1. **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes ($0.7V$). This results in higher efficiency and less heat generation. 2. **High Speed Switching:** It has very low junction capacitance, making it ideal for high-frequency signal detection and fast logic circuits. 3. **Small Form Factor:** The SOD-523 package is designed for high-density circuit boards, such as those found in smartphones and wearable tech. --- ### 4. Common Applications * **Logic Circuits:** Used for signal clamping and protection. * **Mobile Communication:** High-frequency rectification in RF circuits. * **Battery Protection:** Preventing reverse current in low-power handheld devices. * **DC-DC Converters:** Small-scale power conversion where high efficiency is required. --- ### 5. Identification (Marking Code) The part number is often too long to be printed on the tiny package. Engineers look for a **Marking Code** (usually 2 or 3 characters) on the top of the component to verify it during PCB inspection. For this specific series, the marking is typically "5".
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for RB751V40L-CB2-R?
    • ⤷ How does the junction capacitance of this diode affect high-frequency performance?
    • ⤷ What is the recommended solder land pattern for the SOD-523 package?