Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RBS-51-R

  • AI
    The **RBS-51-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a high-current power choke. These components are essential in power management systems to manage energy storage and filter electrical noise. --- ### 1. Key Technical Specifications While specific manufacturers (such as Chilisin or Pulse) may vary slightly, the RBS-51-R series generally follows these parameters: | Parameter | Typical Value / Description | |:---|:---| | **Inductance Range** | Typically 1.0µH to 10µH (varies by sub-model) | | **Tolerance** | ±20% (M) | | **Current Rating** | High Current (Saturation currents often > 5A) | | **Package Size** | 5.0mm x 5.0mm (approximate footprint) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | --- ### 2. Physical Construction The "RBS" series is often characterized by a **wire-wound** core structure: * **Core Material:** Usually a Ferrite core to provide high permeability. * **Shielding:** Encased in a magnetic resin or a metal shell to minimize Electromagnetic Interference (EMI) with neighboring components. * **Terminals:** Lead-free (RoHS compliant) solder pads located on the bottom for PCB mounting. --- ### 3. Functional Role in Circuits In electronic design, the RBS-51-R serves several critical roles: 1. **Energy Storage:** In DC-DC converters (Buck/Boost converters), it stores energy in a magnetic field when the switch is closed and releases it when the switch is open. 2. **Smoothing/Filtering:** It acts as a low-pass filter to smooth out the ripple current from switching power supplies, ensuring stable voltage for sensitive components like CPUs or ICs. 3. **Noise Suppression:** It blocks high-frequency AC noise while allowing DC current to pass through. --- ### 4. Common Applications * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Power Supplies:** AC-DC and DC-DC converter modules. * **Communication Equipment:** Base stations and routers. * **Automotive:** Infotainment systems and LED lighting drivers. --- ### 5. Part Number Breakdown (Example) Typically, the nomenclature follows this logic: * **RBS:** Series Code (High Current Shielded Inductor). * **51:** Dimensions (roughly 5.0mm x 5.0mm footprint). * **R:** Packaging/Revision code (usually denotes "Reel" for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the RBS-51-R series?
    • ⤷ How does magnetic shielding in the RBS-51-R affect PCB layout?
    • ⤷ Which manufacturers are the primary suppliers for this part number?