Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RC-R

  • AI
    To understand the electronic components of a Remote Control (RC) system, it is best to view it as a communication loop between the pilot and the vehicle. ## Core Electronic Components of an RC System An RC vehicle functions through a series of inputs, signals, and power distribution modules. | Component | Function | Key Electronic Attribute | | :--- | :--- | :--- | | **Transmitter (TX)** | The handheld controller used by the pilot. | Converts physical stick movement into a 2.4GHz radio signal. | | **Receiver (RX)** | Small unit mounted on the vehicle. | Decodes the radio signal and sends PWM (Pulse Width Modulation) to parts. | | **Electronic Speed Controller (ESC)** | The "brain" of the power system. | Regulates voltage from the battery to the motor based on throttle input. | | **Motor** | Provides the mechanical movement. | Can be **Brushed** (simple) or **Brushless** (high efficiency/power). | | **Servo** | Small motor with gears for steering. | Uses a feedback loop to maintain a precise angular position. | | **Battery (LiPo/NiMH)** | The fuel source. | Lithium Polymer (LiPo) is standard due to high discharge rates. | --- ### Detailed Breakdown ### 1. The Radio Link (TX/RX) Modern RC systems use the **2.4GHz frequency**. This is digital and frequency-hopping, meaning dozens of people can drive in the same area without signal interference. The Receiver (RX) outputs a signal to various "Channels": * **Channel 1:** Usually Steering. * **Channel 2:** Usually Throttle. ### 2. The ESC (Electronic Speed Controller) The ESC is critical because it acts as a gatekeeper. It takes high-voltage DC from the battery and converts it into the specific pulses required to spin the motor. * **BEC (Battery Eliminator Circuit):** Most ESCs have a built-in BEC that drops the high battery voltage (e.g., 11.1V) down to 5V or 6V to power the Receiver and Servos safely. ### 3. Brushless vs. Brushed Motors * **Brushed:** Uses physical carbon brushes to transfer current. They are cheaper but generate heat and wear out. * **Brushless:** Uses an electronic controller to switch the magnetic fields. They are much faster, more efficient, and last longer because there is no physical contact (friction) inside. ### 4. Flight Controllers (Specific to Drones) In RC aircraft or multirotors, an additional board called a **Flight Controller (FC)** sits between the Receiver and the ESCs. It contains sensors like: * **Gyroscopes:** To detect tilt. * **Accelerometers:** To measure speed changes. * **Barometers:** To sense altitude. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-cell (2S) and 3-cell (3S) LiPo battery?
    • ⤷ How do I choose the right ESC for my motor's KV rating?
    • ⤷ What does 'PWM' mean in the context of RC servos?