Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RC19302A00AGNT#BD0

  • AI
    The **RC19302A00AGNT#BD0** is a high-performance clock buffer and frequency synthesizer from Renesas Electronics. It is specifically designed to meet the rigorous timing requirements of PCIe Gen5 and Gen6 applications, making it a critical component in data centers, high-performance computing (HPC), and networking hardware. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and functional characteristics of the device: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Renesas Electronics | | **Function** | PCIe Gen5/6 Clock Buffer / Synthesizer | | **Number of Outputs** | 2 Differential Outputs | | **Output Type** | LP-HCSL (Low-Power Host Clock Signal Level) | | **Input Frequency** | 25MHz (Crystal) or 100MHz (Differential) | | **Jitter Performance** | < 20fs RMS (PCIe Gen6 12kHz - 20MHz) | | **Interface** | SMBus / I2C for configuration | | **Supply Voltage** | 1.8V | | **Package** | 24-VFQFPN (4 x 4 mm) | --- ### 2. Core Functional Blocks The internal architecture of the RC19302A00AGNT#BD0 consists of several sophisticated electronic subsystems: 1. **Low-Jitter PLL (Phase-Locked Loop):** The heart of the chip, responsible for multiplying or cleaning the input frequency to ensure minimal timing deviations (jitter). 2. **LP-HCSL Output Drivers:** These drivers are designed for high-speed differential signaling. They eliminate the need for external termination resistors in many designs, reducing PCB space and power consumption. 3. **Spread Spectrum Clocking (SSC) Support:** The device can pass through or generate SSC to help system designers reduce Electromagnetic Interference (EMI). 4. **Configuration Logic:** Uses a serial interface (SMBus/I2C) to allow the system to adjust output enable/disable states and frequency settings dynamically. --- ### 3. Application Use Cases This part is typically found in environments where data integrity and synchronization are paramount: * **Servers and Storage:** Providing synchronized clocks to NVMe drives and high-speed CPUs. * **Accelerators:** Distributing timing signals to GPUs and FPGAs used in AI/ML training. * **Networking Switches:** Managing high-speed data flow in 400G/800G ethernet infrastructure. --- ### 4. Why the "#BD0" Suffix Matters In Renesas nomenclature, the suffix often indicates specific ordering information: * **G:** Indicates Green/RoHS compliant packaging. * **N:** Refers to the VFQFPN package type. * **T:** Denotes Tape and Reel packaging for automated assembly. * **#BD0:** Usually refers to a specific firmware revision or factory-set configuration for the internal registers (e.g., default output frequency).
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of LP-HCSL over standard HCSL in this chip?
    • ⤷ How does the jitter performance of this part compare to PCIe Gen5 standards?
    • ⤷ Does this device require an external crystal or can it use an external clock source?