Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RC19302A00AGNT#KD0

  • AI
    The **RC19302A00AGNT#KD0** is a high-performance clock buffer and frequency synthesizer component, typically manufactured by **Renesas Electronics** (formerly IDT). This specific part is designed for high-speed data centers, PCIe Gen5/6 applications, and networking infrastructure. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Clock Buffer / PCIe Gen5/6 Fanout Buffer | | **Output Channels** | 2-output differential | | **Interface Standard** | LP-HCSL (Low-Power High-Speed Current Steering Logic) | | **Maximum Frequency** | Up to 400 MHz (typically optimized for 100MHz/125MHz PCIe) | | **Additive Jitter** | < 20fs RMS (extremely low noise) | | **Power Supply** | 1.8V nominal | | **Package** | VFQFPN (Very Thin Fine Pitch Quad Flat No-Lead) | --- ### 2. Functional Description The device acts as a distribution point for high-frequency clock signals. It takes a reference clock input and provides multiple, highly synchronized outputs with minimal signal degradation. * **Low Power Consumption:** By utilizing LP-HCSL outputs, it reduces the need for external termination resistors, saving board space and power. * **Signal Integrity:** It is specifically engineered to meet the stringent jitter requirements of **PCI Express Base Specification Revision 5.0 and 6.0**. * **SMBus/I2C Interface:** Allows for programmable configurations, such as enabling/disabling specific output banks or adjusting output slew rates. --- ### 3. Application Use Cases This component is vital in environments where timing precision is non-negotiable: 1. **Servers and Storage:** Distributing the system clock to multiple NVMe drives or CPU-to-GPU interconnects. 2. **Networking:** Used in high-speed switches and routers (400G/800G Ethernet). 3. **Accelerators:** Providing a stable heartbeat for FPGAs and AI accelerators. --- ### 4. Typical Circuit Integration Below is a conceptual representation of how the pins are generally interfaced: ```cpp // Schematic Connection Logic Input_Clock (REF_IN) --> [RC19302 Buffer] Power (VDD) --> 1.8V + Decoupling Caps Control (OE#) --> GPIO or Ground (Always Enabled) Output_1 (DIFF_OUT0) --> Processor PCIe Clock Input Output_2 (DIFF_OUT1) --> Peripheral/Storage Clock Input Communication (SDA/SCL)--> System Management Bus ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific jitter requirements for PCIe Gen6 supported by this chip?
    • ⤷ How does LP-HCSL compare to standard HCSL in terms of power savings?
    • ⤷ What is the physical pin count and dimensions for the VFQFPN package of this model?