Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RCB-R2

  • AI
    The **RCB-R2** is a specialized robotic control board, commonly associated with high-performance hobbyist robotics, humanoid kits, and research platforms. It is designed to act as the "brain," managing power distribution, communication, and motor control. ### Core Electronic Components The board is characterized by its high integration of control interfaces and power management. | Component Group | Specific Part/Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex-M Series | High-speed processing for real-time kinematics and sensor fusion. | | **Servo Interfaces** | PWM/TTL Ports | Supports high-torque digital servos with dedicated signal lines. | | **Communication Bus** | RS-485 / UART | Enables daisy-chaining of smart servos (like Dynamixel or similar). | | **Power Management** | Buck-Boost Converters | Regulates voltage (usually 7.4V - 12V) to protect logic circuits. | | **Sensors (On-board)** | 6-Axis IMU | Integrated Accelerometer and Gyroscope for balance control. | | **Wireless Module** | Bluetooth/2.4GHz Slot | Interface for remote operation via controllers or PC. | --- ### Functional Analysis of Electronic Parts #### 1. Power Regulation Circuitry The RCB-R2 features a robust power stage designed to handle high current spikes from multiple servos simultaneously. It typically includes: * **Voltage Regulators:** Separates the noisy motor power from the sensitive logic power. * **Protection Diodes:** Prevents damage from reverse polarity when connecting batteries. #### 2. Digital Signal Processing The board utilizes a multi-channel signal generator to send precise pulses to servos. This allows for: * **Sub-microsecond timing:** Essential for smooth, lifelike movement. * **Feedback Loops:** Reading position, temperature, and load data from smart servos via the serial bus. #### 3. Connectivity I/O The physical PCB is populated with high-density headers: * **AD Ports:** Analog-to-Digital converters for adding external sensors like IR rangefinders or ultrasonic sensors. * **USB Interface:** Usually via a CH340 or CP2102 chip for PC-based programming and firmware updates. --- ### Technical Specifications Summary * **Input Voltage:** 6.0V – 12.0V DC. * **Max Servo Channels:** Up to 24 (depending on specific revision). * **Logic Voltage:** 3.3V or 5V (Switchable). * **Programming Environment:** Typically supports C++, Python, or proprietary graphical motion editors.
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo models for the RCB-R2?
    • ⤷ How does the RCB-R2 handle balance through its integrated IMU?
    • ⤷ Which software is used to program the motion sequences on this board?